Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5035AASA/V+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5035AASA/V+
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035AASA/V+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5035AASA/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX5035AASA/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX5035AASA/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX5035AASA/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX5035AASA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX5035AASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX5035AASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX5035AASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX5035AASA/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VIN = 12V, VON/OFF = 12V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Application Circuit, if applicable.)
VOUT vs. TEMPERATURE
(MAX5035AASA, VOUT = 3.3V)
TEMPERATURE (
°C)
3.24
3.28
3.32
3.36
3.40
3.20
IOUT = 0.1A
IOUT = 1A
100
50
0
-50
150
-25
25
75
125
VOUT vs. TEMPERATURE
(MAX5035DASA, VOUT = 5V)
TEMPERATURE (
°C)
125
100
-25
0
25
50
75
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
4.80
-50
150
IOUT = 0.1A
IOUT = 1A
LINE REGULATION
(MAX5035AASA, VOUT = 3.3V)
INPUT VOLTAGE (V)
65
50
35
20
3.24
3.28
3.32
3.36
3.40
3.20
580
IOUT = 1A
IOUT = 0.1A
LINE REGULATION
(MAX5035DASA, VOUT = 5V)
INPUT VOLTAGE (V)
65
50
20
35
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
4.80
580
IOUT = 1A
IOUT = 0.1A
LOAD REGULATION
(MAX5035AASA, VOUT = 3.3V)
ILOAD (mA)
800
600
400
200
3.24
3.28
3.32
3.36
3.40
3.20
0
1000
VIN = 7.5V, 24V
VIN = 76V
LOAD REGULATION
(MAX5035DASA, VOUT = 5V)
ILOAD (mA)
800
600
400
200
4.95
5.00
5.05
5.10
4.90
0
1000
VIN = 76V
VIN = 24V
VIN = 7.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com