Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5419NETA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5419NETA
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5419NETA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5419NETA Datasheet HTML 1Page - Maxim Integrated Products MAX5419NETA Datasheet HTML 2Page - Maxim Integrated Products MAX5419NETA Datasheet HTML 3Page - Maxim Integrated Products MAX5419NETA Datasheet HTML 4Page - Maxim Integrated Products MAX5419NETA Datasheet HTML 5Page - Maxim Integrated Products MAX5419NETA Datasheet HTML 6Page - Maxim Integrated Products MAX5419NETA Datasheet HTML 7Page - Maxim Integrated Products MAX5419NETA Datasheet HTML 8Page - Maxim Integrated Products MAX5419NETA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX5417/MAX5418/MAX5419 nonvolatile, linear-
taper, digital potentiometers perform the function of a
mechanical potentiometer by replacing the mechanics
with a simple 2-wire digital interface, allowing communi-
cation with multiple devices. Each device performs the
same function as a discrete potentiometer or variable
resistor and has 256 tap points.
The devices feature an internal, nonvolatile EEPROM
used to store the wiper position for initialization during
power-up. The fast-mode I2C-compatible serial interface
allows communication at data rates up to 400kbps, mini-
mizing board space and reducing interconnection com-
plexity in many applications. Each device is available with
one of four factory-preset addresses (see the
Selector
Guide) and features an address input for a total of eight
unique address combinations.
The MAX5417/MAX5418/MAX5419 provide three nomi-
nal resistance values: 50kΩ (MAX5417), 100kΩ
(MAX5418), or 200kΩ (MAX5419). The nominal resistor
temperature coefficient is 35ppm/°C end-to-end, and
only 5ppm/°C ratiometric. This makes the devices ideal
for applications requiring a low-temperature-coefficient
variable resistor, such as low-drift, programmable gain-
amplifier circuit configurations.
The MAX5417/MAX5418/MAX5419 are available in a
3mm x 3mm 8-pin TDFN package, and are specified
over the extended -40°C to +85°C temperature range.
Applications
Mechanical Potentiometer Replacement
Low-Drift Programmable-Gain Amplifiers
Volume Control
Liquid-Crystal Display (LCD) Contrast Control
Features
♦ Power-On Recall of Wiper Position from
Nonvolatile Memory
♦ Tiny 3mm x 3mm 8-Pin TDFN Package
♦ 35ppm/°C End-to-End Resistance Temperature
Coefficient
♦ 5ppm/°C Ratiometric Temperature Coefficient
♦ 50kΩ/100kΩ/200kΩ Resistor Values
♦ Fast I2C-Compatible Serial Interface
♦ 500nA (typ) Static Supply Current
♦ Single-Supply Operation: +2.7V to +5.25V
♦ 256 Tap Positions
♦ ±0.5 LSB DNL in Voltage-Divider Mode
♦ ±0.5 LSB INL in Voltage-Divider Mode
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
________________________________________________________________
Maxim Integrated Products
1
VDD
GND
SDA
SCL
8-BIT
SHIFT
REGISTER
8-BIT
LATCH
8-BIT
NV
MEMORY
I2C
INTERFACE
A0
8
8
256
W
L
256-
POSITION
DECODER
H
POR
MAX5417
MAX5418
MAX5419
Ordering Information/Selector Guide
Functional Diagram
19-3185; Rev 3; 3/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
*
Future product—contact factory for availability.
**
Exposed pad.
PART
TEMP RANGE
I
2C ADDRESS
R (k
Ω)
PIN-PACKAGE
TOP MARK
MAX5417LETA
-40°C to +85°C
010100A0
50
8 TDFN-EP**
AIB
MAX5417META*
-40°C to +85°C
010101A0
50
8 TDFN-EP**
ALS
MAX5417NETA*
-40°C to +85°C
010110A0
50
8 TDFN-EP**
ALT
MAX5417PETA*
-40°C to +85°C
010111A0
50
8 TDFN-EP**
ALU
MAX5418LETA
-40°C to +85°C
010100A0
100
8 TDFN-EP**
AIC
MAX5418META*
-40°C to +85°C
010101A0
100
8 TDFN-EP**
ALV
MAX5418NETA*
-40°C to +85°C
010110A0
100
8 TDFN-EP**
ALW
MAX5418PETA*
-40°C to +85°C
010111A0
100
8 TDFN-EP**
ALX
MAX5419LETA
-40°C to +85°C
010100A0
200
8 TDFN-EP**
AID
MAX5419META*
-40°C to +85°C
010101A0
200
8 TDFN-EP**
ALY
MAX5419NETA*
-40°C to +85°C
010110A0
200
8 TDFN-EP**
ALZ
MAX5419PETA*
-40°C to +85°C
010111A0
200
8 TDFN-EP**
AMA


Similar Part No. - MAX5419NETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5419NETA MAXIM-MAX5419NETA Datasheet
796Kb / 15P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5419NETA+ MAXIM-MAX5419NETA+ Datasheet
296Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
More results

Similar Description - MAX5419NETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com