Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

447AS657XM24 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 447AS657XM24
Description  Composite Low-Profile Micro Band-in-a-Can Backshell with Strain-Relief Clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447AS657XM24 Datasheet(HTML) 1 Page - Glenair, Inc.

  447AS657XM24 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-86
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
447-657
Composite Low-Profile Micro Band-in-a-Can Backshell
with Strain-Relief Clamp
and Self-Locking Rotatable Coupling
TABLE II SHELL SIZE
Shell Size
Max Dash Number
(Table II)
A
F
H
A
F, H
08
08
09
01
01
10
10
11
01
02
12
12
13
04
04
14
14
15
04
05
16
16
17
05
06
18
18
19
06
06
20
20
21
07
07
22
22
23
08
08
24
24
25
09
09
28
-
-
10
10
32
-
-
10
10
36
-
-
10
10
40
-
-
10
10
TABLE IV: CABLE ENTRY
Dash
Number
K Max
L Max
Cable Entry
Min
Max
01
.843 (21.4)
.78 (19.8)
.125 (3.2)
.250 (6.4)
02
.968 (24.6)
.97 (24.6)
.156 (4.0)
.375 (9.5)
03
1.046 (26.6)
1.05 (26.7)
.250 (6.4)
.438 (11.1)
04
1.156 (29.4)
1.15 (29.2)
.280 (7.1)
.500 (12.7)
05
1.218 (30.9)
1.22 (31.0)
.375 (9.5)
.625 (15.9)
06
1.343 (34.1)
1.34 (34.0)
.500 (12.7)
.750 (19.1)
07
1.468 (37.3)
1.47 (37.3)
.625 (15.9)
.875 (22.2)
08
1.593 (40.5)
1.59 (40.4)
.750 (19.1)
1.000 (25.4)
09
1.718 (43.6)
1.72 (43.7)
.875 (22.2)
1.125 (28.6)
10
1.843 (46.8)
1.84 (46.7)
1.000 (25.4) 1.250 (31.8)
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant Cadmium/Olive Drab
over Electroless Nickel
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
H MIL-DTL-38999 Series III and IV
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE
.88
.560
Max
600-057-1Micro Band
Knurl Style
Mfr Option
Stainless Saddle Bar
and Screw Washer
Cable
Entry
K
L
For angled part
requirements, use
in conjuncion with
Glenair 327-060
Extenders
Finish Symbol
(See Table III)
Connector
Designator
A, F or H
Product Series
447 - EMI/RFI Non-Environmental
Banding Backshells
447 F S 657 XM 18 04 K S
Angle and Profile
S - Straight
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Band Option
K - Pre-Coiled Band
(Omit for none)
Slot Option
S - Pigtail
Termin. Slot
(Omit for none)
NOTES
Metric dimensions (mm) are in pa-
1.
renthesis and are for reference only.
Coupling nut supplied unplated.
2.
See Table I in Intro for front-end
3.
dimensional details.


Similar Part No. - 447AS657XM24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447AS325XM08 GLENAIR-447AS325XM08 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447AS325XM10 GLENAIR-447AS325XM10 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447AS325XM12 GLENAIR-447AS325XM12 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447AS325XM14 GLENAIR-447AS325XM14 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447AS325XM16 GLENAIR-447AS325XM16 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
More results

Similar Description - 447AS657XM24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447AM425NF08 GLENAIR-447AM425NF08 Datasheet
53Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC425NF08 GLENAIR-447AC425NF08 Datasheet
77Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH425NF08 GLENAIR-447AH425NF08 Datasheet
85Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM427NF08 GLENAIR-447AM427NF08 Datasheet
53Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC427NF08 GLENAIR-447AC427NF08 Datasheet
78Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH427NF08 GLENAIR-447AH427NF08 Datasheet
122Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AS328XM08 GLENAIR-447AS328XM08 Datasheet
311Kb / 2P
Composite Standard Profile EMI/RFI Band-in-a-Can Backshell with Strain-Relief Clamp
447AS329XM08 GLENAIR-447AS329XM08 Datasheet
315Kb / 2P
Composite EMI/RFI Environmental Band-in-a-Can Backshell with Strain-Relief Clamp
447AS330XM08 GLENAIR-447AS330XM08 Datasheet
312Kb / 2P
Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
447FH425B08 GLENAIR-447FH425B08 Datasheet
362Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell With Cable Clamp Strain-Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com