Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

447SW325XW18 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 447SW325XW18
Description  Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447SW325XW18 Datasheet(HTML) 2 Page - Glenair, Inc.

  447SW325XW18 Datasheet HTML 1Page - Glenair, Inc. 447SW325XW18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-73
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
447-325
Composite Standard Profile EMI/RFI
Banding Backshell with Shrink Boot Porch
and Self-Locking Rotatable Coupling
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant
Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-
PTFE, Nickel-Fluorocarbon Polymer.
1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant
Cadmium/Olive Drab over
Electroless Nickel
TABLE IV: CABLE ENTRY
Entry Dia.
±.03
(0.8)
.19
(4.8)
.25
(6.4)
.31
(7.9)
.38
(9.7)
.44 (11.2)
.50 (12.7)
.56 (14.2)
.63 (16.0)
.69 (17.5)
.75 (19.1)
Entry
Code
03
04
05
06
07
08
09
10
11
12
Dash No.
13
14
15
16
17
18
19
20
22
Entry Dia.
±.03
(0.8)
.81 (20.6)
.88 (22.4)
.94 (23.9)
1.00 (25.4)
1.06 (26.9)
1.13 (28.7)
1.19 (30.2)
1.25 (31.8)
1.38 (35.1)
H
± .06
(1.5)
.72 (18.3)
.75 (19.1)
.75 (19.1)
.76 (19.3)
.78 (19.8)
.79 (20.1)
.82 (20.8)
.86 (21.8)
.89 (22.6)
.92 (23.4)
J
± .09
(2.3)
1.00 (25.4)
1.06 (26.9)
1.13 (28.7)
1.16 (29.5)
1.18 (30.0)
1.19 (30.2)
1.22 (31.0)
1.26 (32.0)
1.29 (32.8)
1.32 (33.5)
Max Entry
Dash No.
(Table IV)
04
06
08
10
12
13
15
17
19
22
TABLE II: CONNECTOR SHELL SIZE (45°)
Shell Size For
Connector Designator*
A
08
10
12
14
16
18
20
22
24
28
F/L
08
10
12
14
16
18
20
22
24
–
H
09
11
13
15
17
19
21
23
25
–
G
–
–
11
13
15
17
19
–
23
25
U
–
08
10
12
14
16
18
20
22
24
H
J
Raised Configuration
(Mfr's Option)
Accommodates
600-052 Band
Drain Holes
Optional
Entry Diameter
Anti-Decoupling
Device
NOTES
770-001S**-0 shrink boot supplied with
1.
T option. See shrink boot product page
for more details.
Coupling nut supplied unplated.
2.
Consult factory for O-Ring to be
3.
supplied with part less shrink boot.
Metric dimensions (mm) are in
4.
parenthesis and are for reference only.
See Table I in Intro for front-end
5.
dimensional details.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com