Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9513 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9513 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9513 Datasheet HTML 2Page - Maxim Integrated Products MAX9513 Datasheet HTML 3Page - Maxim Integrated Products MAX9513 Datasheet HTML 4Page - Maxim Integrated Products MAX9513 Datasheet HTML 5Page - Maxim Integrated Products MAX9513 Datasheet HTML 6Page - Maxim Integrated Products MAX9513 Datasheet HTML 7Page - Maxim Integrated Products MAX9513 Datasheet HTML 8Page - Maxim Integrated Products MAX9513 Datasheet HTML 9Page - Maxim Integrated Products MAX9513 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = VSHDN = +3.3V, VSMARTSLEEP = VINT/EXT = VGND = 0V. RL = 150Ω to GND. TA = +25°C, unless otherwise noted.)
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-50
-40
-30
-20
-10
0
10
20
-60
100k
100M
VOUT = 100mVP-P
NORMALIZED TO 1MHz
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
1M
10M
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
100k
100M
VOUT = 100mVP-P
NORMALIZED TO 1MHz
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-50
-40
-30
-20
-10
0
10
20
-60
100k
100M
VOUT = 2VP-P
NORMALIZED TO 1MHz
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
1M
10M
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
100k
100M
VOUT = 2VP-P
NORMALIZED TO 1MHz
GROUP DELAY
FREQUENCY (Hz)
10M
1M
0
25
50
75
100
125
150
-25
100k
100M
VOUT = 2VP-P
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
100k
-70
-60
-50
-40
-30
-20
-10
0
-80
10k
100M
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
11.5
12.0
12.5
13.0
13.5
14.0
11.0
-50
125
VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
1.96
1.97
1.98
2.00
1.99
2.01
2.02
1.95
-50
125
OUTPUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-0.5
-0.5
2.0
CVBSIN INPUT ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com