Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

447SW326XM22 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 447SW326XM22
Description  Composite Standard Profile EMI/RFI Micro-Banding Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447SW326XM22 Datasheet(HTML) 1 Page - Glenair, Inc.

  447SW326XM22 Datasheet HTML 1Page - Glenair, Inc. 447SW326XM22 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-74
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
447-326
Composite Standard Profile EMI/RFI
Micro-Banding Backshell
with Self-Locking Rotatable Coupling and Shrink Boot Porch
E
± .06
(1.5)
.69 (17.5)
.75 (19.1)
.81 (20.6)
.88 (22.4)
.94 (23.9)
.97 (24.6)
1.06 (26.9)
1.13 (28.7)
1.19 (30.2)
1.34 (34.0)
F
± .09
(2.3)
.88 (22.4)
1.00 (25.4)
1.13 (28.7)
1.31 (33.3)
1.38 (35.1)
1.44 (36.6)
1.63 (41.4)
1.75 (44.5)
1.88 (47.8)
2.13 (54.1)
G
± .09
(2.3)
1.06 (26.9)
1.13 (28.7)
1.19 (30.2)
1.25 (31.8)
1.31 (33.3)
1.34 (34.0)
1.44 (36.6)
1.50 (38.1)
1.56 (39.6)
1.66 (42.2)
Max Entry
Dash No.**
04
06
08
10
12
13
15
17
19
22
TABLE II: CONNECTOR SHELL SIZE
**Consult factory for additional entry sizes available.
See introduction for additional connector front-end details.
Shell Size For
Connector Designator*
A
08
10
12
14
16
18
20
22
24
28
F/L
08
10
12
14
16
18
20
22
24
–
H
09
11
13
15
17
19
21
23
25
–
G
–
–
11
13
15
17
19
–
23
25
U
–
08
10
12
14
16
18
20
22
24
TABLE III: FINISH
Symbol Finish Description
XM
2000 Hour
Corrosion Resistant
Electroless Nickel
XMT
2000 Hour
Corrosion Resistant
Ni-PTFE, Nickel-
Fluorocarbon
Polymer. 1000 Hour
GreyTM
XW
2000 Hour
Corrosion Resistant
Cadmium/
Olive Drab over
Electroless Nickel
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
G MIL-DTL-28840
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE
E
G
F
Raised Configuration
(Mfr's Option)
Shrink Sleeve
or Boot Groove,
Typ.
Accommodates
600-057 Micro Band
.31 (7.9)
Typ.
1.130 (28.7) Max.
Drain Holes
Optional
Entry
Diameter
Anti-Decoupling
Device
Pigtail
Termination
Slot
Finish Symbol
(See Table III)
Connector Designator
A, F, L, H, G and U
Product Series
447 - EMI/RFI Non-Environmental
Banding Backshells
447 H S 326 XM 19 12 D K T S
Angle and Profile
S - Straight
W - 90° Elbow
T - 45° Elbow
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Drain Hole Option
(Omit "D" if not required)
Band Option
B = 600-052
K = 600-052-1
Bands are
Precoiled
(Omit for none)
Shrink Boot Option
Shrink boot and
o-ring supplied
with
T option
(Omit for none)
Slot Option
S - Pigtail
Termin. Slot
(Omit for none)


Similar Part No. - 447SW326XM22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447SW325XM08 GLENAIR-447SW325XM08 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447SW325XM10 GLENAIR-447SW325XM10 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447SW325XM12 GLENAIR-447SW325XM12 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447SW325XM14 GLENAIR-447SW325XM14 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447SW325XM16 GLENAIR-447SW325XM16 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
More results

Similar Description - 447SW326XM22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
Composite EMI/RFI Backshell
447AS325XM08 GLENAIR-447AS325XM08 Datasheet
298Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447AS327XM08 GLENAIR-447AS327XM08 Datasheet
382Kb / 2P
Composite Standard Profile EMI/RFI Banding Backshell with Qwik-Ty짰 Strain Relief
447AS711XM08 GLENAIR-447AS711XM08 Datasheet
384Kb / 1P
Composite EMI/RFI Banding Backshell with Strain Relief
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
Composite EMI/RFI Banding Backshell with Strain Relief
507S177B09B GLENAIR-507S177B09B Datasheet
315Kb / 2P
EMI/RFI Micro-D Banding Backshell
557T186XM GLENAIR-557T186XM Datasheet
131Kb / 2P
Composite D-Subminiature EMI/RFI Banding Split Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_09 Datasheet
304Kb / 2P
Composite RFI/EMI Banding Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
Composite EMI/RFI Banding Backshell
527-108 GLENAIR-527-108 Datasheet
50Kb / 2P
EMI/RFI Banding Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com