Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2121 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2121
Description  8 Volt, 24 Amp Full-Function Active ORing Solution
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2121 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2121 Datasheet HTML 1Page - Vicor Corporation PI2121 Datasheet HTML 2Page - Vicor Corporation PI2121 Datasheet HTML 3Page - Vicor Corporation PI2121 Datasheet HTML 4Page - Vicor Corporation PI2121 Datasheet HTML 5Page - Vicor Corporation PI2121 Datasheet HTML 6Page - Vicor Corporation PI2121 Datasheet HTML 7Page - Vicor Corporation PI2121 Datasheet HTML 8Page - Vicor Corporation PI2121 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
PI2121
Cool-ORing
TM Series
8 Volt, 24 Amp Full-Function Active ORing Solution
Description
The Cool-ORing
TM PI2121 is a complete full-function
Active ORing solution with a high-speed ORing
MOSFET controller and a very low on-state
resistance MOSFET designed for use in redundant
power system architectures. The PI2121 Cool-ORing
solution is offered in an extremely small, thermally
enhanced 5mm x 7mm LGA package and can be
used in low voltage (≤ 5Vbus) high side Active ORing
applications. The PI2121 enables extremely low
power loss with fast dynamic response to fault
conditions, critical for high availability systems. A
master/slave feature allows the paralleling of PI2121
solutions
for
high
current
Active
ORing
requirements.
The PI2121, with its 1.5m
Ω internal MOSFET
provides very high efficiency and low power loss
during steady state operation, while achieving high-
speed turn-off of the internal MOSFET during input
power source fault conditions that cause reverse
current flow. The PI2121 provides an active low
fault flag output to the system during excessive
forward current, light load, reverse current, over-
voltage, under-voltage and over-temperature fault
conditions. A temperature sensing function indicates
a fault if the maximum junction temperature exceeds
160
°C.
The
under-voltage
and
over-voltage
thresholds are programmable via an external resistor
divider.
Features
•
Integrated High Performance 24A, 1.5m
Ω
MOSFET
•
Very-small, high density fully-optimized solution
providing simple PCB layout.
•
Fast Dynamic Response to Power Source
failures, with 160ns reverse current turn-off
delay time
•
Accurate sensing capability to indicate system
fault conditions
•
Programmable under & over-voltage functions
•
Over temperature fault detection
•
Adjustable reverse current blanking timer
•
Master/Slave I/O for paralleling
•
Active low fault flag output
Applications
•
N+1 Redundant Power Systems
•
Servers & High End Computing
•
Telecom Systems
•
High-side Active ORing
•
High current Active ORing (≤ 5Vbus)
Package Information
•
17-pin 5mm x 7mm Thermally Enhanced LGA
Package
Typical Application:
Figure 1: PI2121
High Side Active ORing
Figure 2:
PI2121 input current de-rating based on maximum
TJ=150°C vs. ambient temperature
Picor Corporation • picorpower.com
PI2121
Rev. 1.0
Page 1 of 21


Similar Part No. - PI2121

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2121 VICOR-PI2121 Datasheet
2Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
Rev. 1.2
PI2121-00-LGIZ VICOR-PI2121-00-LGIZ Datasheet
2Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
Rev. 1.2
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
PI2121-EVAL1 Full-Function Active ORing
PI2121 VICOR-PI2121_V01 Datasheet
2Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
Rev. 1.2
More results

Similar Description - PI2121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCPS-24S6 ETC2-FCPS-24S6 Datasheet
395Kb / 3P
6-Amp and 8-Amp 24-Volt Remote Power Supplies
logo
Vicor Corporation
PI2122 VICOR-PI2122 Datasheet
964Kb / 19P
12Amp Active ORing Solution With Load Disconnect
PI2123 VICOR-PI2123 Datasheet
1Mb / 20P
15 Volt, 15 Amp Full-Function Active ORing Solution
PI2125 VICOR-PI2125 Datasheet
1Mb / 20P
30 Volt, 12 Amp Full-Function Active ORing Solution
PI2126 VICOR-PI2126 Datasheet
1Mb / 15P
30 Volt, 12 Amp Full-Function Active ORing Solution
PI2127 VICOR-PI2127 Datasheet
1Mb / 19P
60 Volt, 12 Amp Full-Function Active ORing Solution
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
PI2121-EVAL1 Full-Function Active ORing
PI2126-EVAL1 VICOR-PI2126-EVAL1 Datasheet
916Kb / 8P
PI2126-EVAL1 30V/12A Full-Function High Side Active ORing
PI2127-EVAL1 VICOR-PI2127-EVAL1 Datasheet
1Mb / 9P
PI2127-EVAL1 60V/12A Full-Function High Side Active ORing
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com