Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-FIAM9MF2 Datasheet(PDF) 2 Page - Vicor Corporation

Part # M-FIAM9MF2
Description  Military COTS 28 Vin Filter Input Attenuator Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM9MF2 Datasheet(HTML) 2 Page - Vicor Corporation

  M-FIAM9MF2 Datasheet HTML 1Page - Vicor Corporation M-FIAM9MF2 Datasheet HTML 2Page - Vicor Corporation M-FIAM9MF2 Datasheet HTML 3Page - Vicor Corporation M-FIAM9MF2 Datasheet HTML 4Page - Vicor Corporation M-FIAM9MF2 Datasheet HTML 5Page - Vicor Corporation M-FIAM9MF2 Datasheet HTML 6Page - Vicor Corporation M-FIAM9MF2 Datasheet HTML 7Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
M-FIAM9
Rev. 2.1
Page 2 of 7
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Input voltage
10
28
36
Vdc
Continuous
Inrush limiting
0.007
A/µF
Transient immunity
100
Vdc
50 ms per MIL-STD-1275A/B/D, continuous operation
250
Vdc
70 µs per MIL-STD-1275A/B/D, continuous operation
70
Vdc
20 ms per MIL-STD-704A, continuous operation
50
Vdc
12.5 ms per MIL-STD-704E/F, continuous operation
INPUT SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Output power
500
W
Output current
18
A
Efficiency
96
97
%
Internal voltage drop
0.85
1.5
V
500 W, 25°C baseplate
External capacitance
See Figure 4 on page 4
330
1000
µF
50 V
OUTPUT SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
ON/OFF control
Enable (ON)
0.0
1.0
Vdc
Referenced to – Vout
Disable (OFF)
3.5
5.0
Vdc
100 k
Ω internal pull up resistor
CONTROL PIN SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Dielectric withstand
1,500
Vrms
Input/Output to Base
2,121
Vdc
Input/Output to Base
SAFETY SPECIFICATIONS
SPECIFICATIONS
(typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified)
Standard
Test Procedure
Notes
MIL-STD-461E
When using with V28 series converters a 27 µH inductor is
Conducted emissions:
CE101, CE102
needed between the filter and converter for compliance
Conducted susceptibility:
CS101, CS114, CS115, CS116
below 30% of rated power.
EMI
Parameter
Min
Typ
Max
Unit
Notes
Weight
3.3 (94)
Ounces (grams)
Warranty
2
Years
GENERAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com