Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11040 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11040
Description  24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11040 Datasheet HTML 9Page - Maxim Integrated Products MAX11040 Datasheet HTML 10Page - Maxim Integrated Products MAX11040 Datasheet HTML 11Page - Maxim Integrated Products MAX11040 Datasheet HTML 12Page - Maxim Integrated Products MAX11040 Datasheet HTML 13Page - Maxim Integrated Products MAX11040 Datasheet HTML 14Page - Maxim Integrated Products MAX11040 Datasheet HTML 15Page - Maxim Integrated Products MAX11040 Datasheet HTML 16Page - Maxim Integrated Products MAX11040 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
24-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADC
______________________________________________________________________________________
13
When the analog input voltage changes between the
ADC full scale and the fault threshold faster than the
latency of the converter, OVRFLW goes low with the
FAULT output. OVRFLW remains invalid until a valid
clock frequency is available at XIN.
Overvoltage Fault Detection and Recovery (
FAULT)
With overvoltage fault protection enabled (FAULTDIS =
0), FAULT immediately transitions from a high to low
when any of the analog inputs go outside the voltage
range bounded by the fault-detection thresholds VPFT
and VNFT.
Once the analog inputs return back within the fault
thresholds, the FAULT interrupt output goes high after a
delay called the fault-recovery time. The fault-recovery
time is:
20 x tDOUT < fault-recovery time < 25 x tDOUT
where tDOUT is the data output period determined by
fXINCLOCK and the selected output data rate.
In the event the analog input voltage changes between
the ADC full scale and the fault threshold faster than
the latency of the converter, the ADC conversion result
prematurely jumps to the full-scale value when a fault is
detected (see Detection Discontinuity in Figure 4).
During a fault condition and the subsequent fault-
recovery time, the ADC conversion result remains at full
scale. This creates a discontinuity in the digital conver-
sion result only if the fault recovery time is greater than
the latency plus the time that the input changes
between the fault threshold and the ADC full scale (see
Recovery Discontinuity in Figure 4). Neither of these
steps occur if the fault-protection circuitry is disabled
(FAULTDIS = 1), or if the input is slow relative to the
above descriptions (see Figure 5).
For data rates faster than 32ksps (FSAMPC = 111), the
converter output may contain invalid data for up to
188µs after FAULT returns high. To prevent this behav-
ior, disable the overvoltage fault protection by setting
the FAULTDIS bit in the configuration register to 1 when
using FSAMPC = 111, and limit the analog input swing
to ±3.5V.
|AIN+ - AIN-|
LATENCY
LATENCY
LATENCY
DETECTION
DISCONTINUITY
RECOVERY
DISCONTINUITY
FULL SCALE
(|0.88VREF|)
FAULT-DETECTION
THRESHOLD
(VPFT OR |VNFT|)
RECOVERY TIME
LATENCY
FAULT
OVRFLW
DIGITAL OUTPUT
DATA AT DOUT
Figure 4. High-Frequency Analog Input Overvoltage Detection and Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com