Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14541E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14541E
Description  3-Channel, Low-Leakage ESD Protector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14541E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14541E Datasheet HTML 1Page - Maxim Integrated Products MAX14541E Datasheet HTML 2Page - Maxim Integrated Products MAX14541E Datasheet HTML 3Page - Maxim Integrated Products MAX14541E Datasheet HTML 4Page - Maxim Integrated Products MAX14541E Datasheet HTML 5Page - Maxim Integrated Products MAX14541E Datasheet HTML 6Page - Maxim Integrated Products MAX14541E Datasheet HTML 7Page - Maxim Integrated Products MAX14541E Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3-Channel, Low-Leakage ESD Protector
2 ______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
(Voltages referenced to GND.)
VCC to GND...........................................................-0.3V to +18V
I/O-1, I/O-2, I/O-3 to GND ........................ -0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70NC)
5-Pin SC70 (derate 3.1mW/NC above +70NC) .........246.9mW
Thermal Resistance (Note 1)
B
JA.............................................................................324NC/W
B
JC ............................................................................115NC/W
Operating Temperature Range........................ -40NC to +125NC
Storage Temperature Range............................ -65NC to +150NC
Junction Temperature .....................................................+150NC
Lead Temperature (soldering, 10s) ................................+300NC
ELECTRICAL CHARACTERISTICS
(VCC = +5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Note 2: Parameters are 100% production tested at TA = +25°C. Specifications over temperature guaranteed by design only.
Note 3: Idealized clamp voltages. See the Applications Information section for more information.
Note 4: Guaranteed by design, not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
0.9
16
V
Supply Current
ICC
1
100
nA
Diode Forward Voltage
VF
IF = 10mA, TA = +25°C
0.65
0.95
V
Channel Clamp Voltage
(Note 3)
VC
TA = +25°C, ±15kV
Human Body Model,
IF = 10A
Positive transients
VCC +
25
V
Negative transients
-25
TA = +25°C, ±8kV
Contact Discharge
(IEC 61000-4-2),
IF = 24A
Positive transients
VCC +
60
V
Negative transients
-60
TA = +25°C, ±15kV
Air-Gap Discharge
(IEC 61000-4-2),
IF = 45A
Positive transients
VCC +
100
V
Negative transients
-100
V
Channel Leakage Current
(Note 4)
TA = -40°C to +50°C
-1
+1
nA
TA = -40°C to +125°C
-1
+1
µA
I/O Capacitance
Bias of VCC/2, f = 1MHz (Note 4)
6
7
pF
ESD PROTECTION
Human Body Model
±15
kV
IEC 61000-4-2 Air-Gap
Discharge
±15
kV
IEC 61000-4-2 Contact
Discharge
±8
kV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com