Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-9LZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # QPI-9LZ
Description  VI Chip Input EMI Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-9LZ Datasheet(HTML) 1 Page - Vicor Corporation

  QPI-9LZ Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Defining the Quality of Power Through Innovation
picorpower.com
Rev 1.1 2/07 33282
800-735-6200
Part Number
Input
Nominal
Current
CM Attenuation
DM Attenuation
Hipot
Integrated
Package
(Z = RoHS)
Voltage
Range
Rating
@1 MHz
@1 MHz
Hot-Swap
QPI-9L ( Z)
24/28 Vdc
18 – 38 Vdc
6 A
65 dB
80 dB
707 Vdc
Yes
full
QPI-10L ( Z)
48/60 Vdc
32 – 76 Vdc
6 A
45 dB
70 dB
1,500 Vdc
Yes
full
QPI-11L ( Z)
24/28 Vdc
5 – 50 Vdc
7 A
65 dB
80 dB
707 Vdc
—
half
QPI-12L ( Z)
48/60 Vdc
10 – 80 Vdc
7 A
45 dB
70 dB
1,500 Vdc
—
half
V•I Chip Input EMI Filters (QPI Series)
Optimized for V•I Chip applications
QPI-12L
US AND FORIEGN PATENTS PENDING
•087
0550A
PHIL
QPI-10L
US AND FORIEGN PATENTS PENDING
•079
0650A
PHIL
12.5 mm
25 mm
25 mm
4.5 mm
Full Size
Half Size
24/28 V and 48/60 V models
Up to 65 dB CM attenuation at 1 MHz
Up to 80 dB DM attenuation at 1 MHz
Efficiency >99%
Low profile LGA package
Integrated Hot-Swap in select models
Supports PICMG® 3.0 ATCA applications
-40° to +100°C PCB temperature
TÜV approved
These QPI filters, optimized for V•I Chips, are specifically designed to
attenuate conducted common-mode (CM) and differential-mode
(DM) noise of Vicor’s V•I Chip products to comply with the
CISPR22 standard requirements for conducted noise measurements.
Designed for the telecom, industrial and military bus ranges,
the V•I Chip EMI filter supports filtering system boards to the
EN55022 Class B limits.
QUIETPOWER™
Product Description
Features
Part Numbering
QPI-12 attenuation curves
Total conducted noise of P048K048T24IF & V048K120T025
with QPI-12.
PICMG® 3.0 ATCA applications
Networking and communications
Fan tray assemblies
Telecom
Industrial
Military
Applications
QPI Evaluation Boards
Available
For more information,
go to picorpower.com


Similar Part No. - QPI-9LZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-9LZ VICOR-QPI-9LZ Datasheet
648Kb / 8P
Hot-Swap SiP With VI Chip EMI Filter
logo
Powerbox
QPI-9LZ POWERBOX-QPI-9LZ Datasheet
1Mb / 1P
ACTIVE EMI FILTER
logo
Vicor Corporation
QPI-9LZ-01 VICOR-QPI-9LZ-01 Datasheet
648Kb / 8P
Hot-Swap SiP With VI Chip EMI Filter
More results

Similar Description - QPI-9LZ

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
EMI INPUT FILTERS 28 VOLT INPUT
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
SFCS28-461 CRANE-SFCS28-461 Datasheet
352Kb / 9P
SFCS28-461 EMI Input Filters
SFMC28-461 CRANE-SFMC28-461 Datasheet
440Kb / 11P
SFMC28-461 EMI Input Filters
STF28-461HH CRANE-STF28-461HH Datasheet
800Kb / 10P
STF28-461 EMI Input Filters
logo
Panasonic Semiconductor
EXCCET220U PANASONIC-EXCCET220U Datasheet
199Kb / 4P
Chip EMI Filters
EXC-CET220U PANASONIC-EXC-CET220U Datasheet
99Kb / 3P
Chip EMI Filters
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
EMI Input Filters 28 Volt input ??7 Amp
STF28-461 INTERPOINT-STF28-461_07 Datasheet
498Kb / 10P
STF28-461 EMI Input Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com