Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

570-059M06LR Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 570-059M06LR
Description  EMI/RFI TAG Ring짰 Backshell
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

570-059M06LR Datasheet(HTML) 1 Page - Glenair, Inc.

  570-059M06LR Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
B-9
CAGE Code 06324
507-059
EMI/RFI TAG Ring® Backshell
for MIL-C-81659 Connectors
Dash
No
02
03
04
05
06
TABLE I: CABLE ENTRY
J
Max
.97 (24.6)
1.05 (26.7)
1.16 (29.5)
1.22 (31.0)
1.34 (34.0)
E
Entry
.25
(6.4)
.37
(9.4)
.50 (12.7)
.62 (15.7)
.75 (19.1)
F Dia
Max
.55 (14.0)
.67 (17.0)
.80 (20.3)
.92 (23.4)
1.05 (26.7)
G Dia
Max
.69 (17.5)
.79 (20.1)
.92 (23.4)
1.04 (26.4)
1.17 (29.7)
Min
.125
(3.2)
.250
(6.4)
.250
(6.4)
.375
(9.5)
.500 (12.7)
Max
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
Cable Range
Basic Part No.
Finish
B = Cadmium Plate/Olive Drab
M = Electroless Nickel
N = Cadmium Plate/Olive Drab over Nickel Plate
NF = Cadmium Olive Drab over Electroless
Nickel (1000 Hour Salt Spray)
507-059 NF 06 G L
Entry Location
L = Left Side Entry
R = Right Side Entry
Omit for Top Entry
L = Strain Relief
G = Gland Nut
Dash No. (Table I)
2.50 (63.5)
Max Typ.
Note 3
E
1.715 (43.6) Max
1.377 (35.0)
1.50
(38.1)
.938
(23.8)
Typ.
1.195
(30.4)
Max
Typ.
1.437 (36.5)
T Top
Entry
R Right
Entry
L Left
Entry
.407
(10.3)
G
F
Style G Nut
Knurl
Style Mfr.
Option (Typ)
.390 (9.1) Ref
Shrink Boot
Accomodation
See Note 3
1.500 (38.1)
.875
(22.2)
J Max
Cable
Range
.850 (21.6)
Max
Style L Strain
Relief
1. Metric dimensions (mm) are indicated in
parentheses.
2. Material/Finish:
Backshell, Adapter, Clamp, Tag Ring
Body = Al Alloy/Finish Per Option
Tag Ring Nut = Al Alloy/Gold Iridite
Tag Ring Spring = Beryllium Copper/
Gold Plate
Friction Washer = Teflon/N.A.
Clamp Hardware = Cres/Passivate
3. Style “L” strain relief option will be supplied
less shrink boot accomodation and 2.50
max height will be 2.36 max.


Similar Part No. - 570-059M06LR

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
570-001-000-100 DIALIGHT-570-001-000-100 Datasheet
196Kb / 2P
WATERPROOF CONNECTOR
logo
EDAC, All Rights Reserv...
570-001-000-100 EDAC-570-001-000-100 Datasheet
590Kb / 3P
570 Series IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
570-001-000-100 EDAC-570-001-000-100 Datasheet
130Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
logo
Dialight Corporation
570-001-000-101 DIALIGHT-570-001-000-101 Datasheet
196Kb / 2P
WATERPROOF CONNECTOR
570-001-000-200 DIALIGHT-570-001-000-200 Datasheet
196Kb / 2P
WATERPROOF CONNECTOR
More results

Similar Description - 570-059M06LR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
Composite EMI/RFI Backshell
527-142BLST GLENAIR-527-142BLST Datasheet
81Kb / 1P
Solid TAG Ring EMI/RFI Backshell
557T387M GLENAIR-557T387M Datasheet
127Kb / 2P
EMI/RFI Backshell Assembly
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
EMI/RFI Environmental Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
EMI/RFI Environmental Backshell
470H GLENAIR-470H Datasheet
151Kb / 2P
EMI/RFI StarShield Backshell
507-059 GLENAIR-507-059 Datasheet
47Kb / 1P
EMI/RFI TAG Ring짰 Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Glenair, Inc.
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
EMI/RFI Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
EMI/RFI Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com