Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR1027 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1027
Description  T1/CEPT/ISDN-PRI Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1027 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1027 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
T1/CEPT/ISDN-PRI
Interface Transformers
CSR1026 - CSR1034
Rev. 1
8/15/01
• Optimizied for Leading Transceiver I.C.’s •
• Meets or exceeds UL1459, UL1950 & EN60950 Standards •
• 1500 Vrms Isolation •
• See Selection Guide for I.C. Cross Reference •
Schematic
Package
E L E C T R O N I C S I N C .
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
Dim.
Min.
.800
.385
.250
---
.017
---
.310
.023
---
.140
.900
---
Max.
.790
.375
.240
.600
.015
.100
.300
.020
.200
.125
.890
.700
Nom.
(Inches)
(Millimeters)
19.81
9.27
5.84
---
.330
---
7.37
.432
---
2.79
22.35
---
Min.
20.32
9.78
6.35
---
.432
---
7.87
.584
---
3.57
22.86
---
Max.
20.07
9.52
6.10
15.24
.381
2.54
7.62
.508
5.08
3.17
22.61
17.78
Nom.
.780
.365
.230
---
.013
---
.290
.017
---
.110
.880
---
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Turns
Ratio
1:2CT/1:2CT
1:2CT/1:1.36
1:2CT/1:2CT
1:2CT/1:1
1:1.26/1:2CT
1:1.15CT/1:2CT
1:1CT/2CT:1
1:4CT/1:4CT
1CT:1CT/1CT:3CT
Cw/w
(pF Max.)
35 / 35
35 / 35
50 / 50
30 / 30
40 / 40
35 / 40
30 / 30
40 / 40
40 / 40
LI
(µH Max.)
0.5 / 0.5
0.5 / 0.5
0.6 / 0.6
0.5 / 0.5
0.5 / 0.4
0.5 / 0.4
0.6 / 0.6
0.5 / 0.5
0.8 / 0.8
Pri. DCR
(
Ω Max.)
0.7 / 0.7
0.8 / 0.8
1.0 / 1.0
0.7 / 0.7
0.7 / 0.7
0.7 / 0.7
0.5 / 0.5
0.7 / 0.7
1.0 / 0.8
OCL
(mH Min.)
1.2 / 1.2
1.2 / 1.2
2.0 / 2.0
1.2 / 1.2
1.5 / 1.2
1.5 / 1.2
0.8 / 0.8
0.5 / 0.5
1.2 / 0.6
Part
Number
EPR1026
EPR1027
EPR1028
EPR1029
EPR1030
EPR1031
EPR1032
EPR1033
EPR1034*
1.2 / 1.2
1.2 / 1.0
2.0 / 2.0
1.2 / 0.7
0.9 / 1.3
0.9 / 1.3
0.5 / 0.2
1.5 / 1.5
1.0 / 2.0
Sec. DCR
(
Ω Max.)
A
B
C
D
A
A
C
C
E
Schematic
A
BCD
E
1
23
7
5
14
12
10
9
8
123
7
5
14
12
10
8
123
6
5
14
12
10
8
7
123
7
5
14
13
12
10
8
123
16
15
8
7
6
5
4
11
10
9
14
Primary
Pins
14,12 / 5,7
14,12 / 5,7
14,12 /10,8
1,3 / 5,7
14,12 / 5,7
14,12 / 5,7
14,12 / 5,7
1,3 / 5,7
1,3 / 4, 6 / 7, 8
A
B
Pin 1
I.D.
PCA
EPRXXXX
Date Code
F
E
C
I
D
H
L*
K*
J
*16 Pin Dimensions
G
= * 16 Pin


Similar Part No. - EPR1027

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1021G PCA-EPR1021G Datasheet
38Kb / 1P
SMD Single T1/E1 Interface Transformer
More results

Similar Description - EPR1027

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1064 PCA-EPA1064 Datasheet
126Kb / 1P
T1/CEPT/ISDN-PRI Carrier Interface Transformers
EPA1071 PCA-EPA1071 Datasheet
91Kb / 1P
T1/CEPT/ISDN-PRI Carrier Interface Transformers
EPR1011E PCA-EPR1011E Datasheet
35Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1001 PCA-EPR1001 Datasheet
125Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1035E PCA-EPR1035E Datasheet
38Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1051G PCA-EPR1051G Datasheet
39Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
EPR1076S PCA-EPR1076S Datasheet
36Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1100S PCA-EPR1100S Datasheet
88Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com