Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17000A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17000A
Description  Complete DDR2 and DDR3 Memory Power-Management Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17000A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17000A Datasheet HTML 1Page - Maxim Integrated Products MAX17000A Datasheet HTML 2Page - Maxim Integrated Products MAX17000A Datasheet HTML 3Page - Maxim Integrated Products MAX17000A Datasheet HTML 4Page - Maxim Integrated Products MAX17000A Datasheet HTML 5Page - Maxim Integrated Products MAX17000A Datasheet HTML 6Page - Maxim Integrated Products MAX17000A Datasheet HTML 7Page - Maxim Integrated Products MAX17000A Datasheet HTML 8Page - Maxim Integrated Products MAX17000A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Complete DDR2 and DDR3 Memory
Power-Management Solution
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 12V, VCC = VDD = VSHDN = VREFIN = 5V, VCSL = 1.8V, STDBY = SKIP = AGND, TA = 0°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
TON to PGND1 .......................................................-0.3V to +28V
VDD to PGND1..........................................................-0.3V to +6V
VCC to VDD ............................................................-0.3V to +0.3V
OVP to AGND ...........................................................-0.3V to +6V
SHDN, STDBY, SKIP to AGND .................................-0.3V to +6V
REFIN, FB, PGOOD1,
PGOOD2 to AGND ................................-0.3V to (VCC + 0.3V)
CSH, CSL to AGND ....................................-0.3V to (VCC + 0.3V)
DL to PGND1..............................................-0.3V to (VDD + 0.3V)
BST to PGND1...........................................................-1V to +34V
BST to LX..................................................................-0.3V to +6V
DH to LX ....................................................-0.3V to (VBST + 0.3V)
BST to VDD .............................................................-0.3V to +26V
VTTI to PGND2 .........................................................-0.3V to +6V
VTT to PGND2 ............................................-0.3V to (VTTI + 0.3V)
VTTS to AGND............................................-0.3V to (VCC + 0.3V)
VTTR to AGND ..........................................-0.3V to (VCSL + 0.3V)
PGND1, PGND2 to AGND.....................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
24-Pin, 4mm x 4mm Thin QFN
(derated 27.8mW/°C above +70°C) ..........................2222mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM CONTROLLER
VIN
3
26
Input Voltage Range
VCC, VDD
4.5
5.5
V
FB = AGND
1.485
1.500
1.515
FB = VCC
1.782
1.800
1.818
Output-Voltage Accuracy
VCSL
VIN = 4.5V to 26V,
SKIP = VCC
FB = Adj
0.99
1.000
1.01
V
Output-Voltage Range
VCSL
1
2.7
V
Load Regulation Error
VCSH - VCSL = 0 to 18mV,
SKIP = VCC
0.1
%
Line Regulation Error
VDD = 4.5V to 5.5V, VIN = 4.5V to 26V
0.25
%
Soft-Start Ramp Time
tSSTART
Rising edge of
SHDN
1.4
2.1
ms
Soft-Stop Ramp Time
tSSTOP
Falling edge of
SHDN
2.8
ms
Soft-Stop Threshold
25
mV
RTON = 96.75k
(600kHz),
167ns nominal
-15
+15
RTON = 200k
(300kHz),
333ns nominal
-10
+10
On-Time Accuracy (Note 2)
tON
VIN = 12V,
VCSL = 1.2V
RTON = 303.25k
(200kHz), 500ns nominal
-15
+15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com