Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR1102 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1102
Description  ISDN U Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1102 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1102 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
ISDN U Interface Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for Leading Transceiver I.C.’s
• 2000 Vrms Min. Isolation
• Also available in 8 Pin Package
• Meets or exceeds UL1459 & UL1950 Standards
EPR1102-EPR1106
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25°C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSR1102-CSR1106
Rev. 4
7/8/03 FT
25.5-28.5
14.2-15.8
25.6-29.0
25.6-29.0
26.5-29.5
OCL†
(mH Min.)
11.6
16
20
20
12
Pri. DCR
(
Ω Max.)
2:1
1.5:1
1.5:1
1.5:1
1.25:1
Turns Ratio
Line:Chip
EPR1102
EPR1103
EPR1104
EPR1105
EPR1106*
Part
Number
1-5
4-2
4-2
1-5
1-5
Line Side
Pins
60
60
60
60
80
IDC
(mA Max.)
A
B
B
A
A
Schematic
Schematics
6.4
2.5
3
3
7
Sec. DCR
(
Ω Max.)
Package
.600
(15.24)
.950 Max.
(24.13)
.450
Max.
(11.43)
.170 ± .040
(4.32 ± 1.02)
1.050
Max.
(26.67)
.800
(20.32)
.150
(3.81)
.042
(1.07)
PCA
EPR11XX
D.C.
10
6
15
Pin 1
I.D.
12
5
4
97
8
Chip Side
Line Side
A
52
1
4
79
8
Chip Side
Line Side
B
• *Operating Temperature Range : -40°C to +80°C • †Line Side : Line Side at series condition •
No
No
Yes
Yes
Yes
Pin 6
Removed


Similar Part No. - EPR1102

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1100S PCA-EPR1100S Datasheet
88Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1101 PCA-EPR1101 Datasheet
27Kb / 1P
ISDN U Interface Transformers
EPR1107 PCA-EPR1107 Datasheet
27Kb / 1P
ISDN U Interface Transformers
EPR1109 PCA-EPR1109 Datasheet
27Kb / 1P
ISDN U Interface Transformers
More results

Similar Description - EPR1102

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0559-5683-00 BEL-0559-5683-00 Datasheet
54Kb / 1P
ISDN U INTERFACE TRANSFORMERS
0559-6204-00 BEL-0559-6204-00 Datasheet
54Kb / 1P
ISDN U INTERFACE TRANSFORMERS
logo
Pulse A Technitrol Comp...
T4008 PULSE-T4008 Datasheet
81Kb / 1P
ISDN U-INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-13207 RHOMBUS-IND-T-13207 Datasheet
36Kb / 1P
ISDN U-Interface Transformers
T-1049 RHOMBUS-IND-T-1049 Datasheet
30Kb / 1P
ISDN TRANSFORMERS "U" INTERFACE
05/27/98
T-1053 RHOMBUS-IND-T-1053 Datasheet
32Kb / 1P
ISDN TRANSFORMERS "U" INTERFACE
05/23/97
T-1054 RHOMBUS-IND-T-1054 Datasheet
32Kb / 1P
ISDN TRANSFORMERS "U" INTERFACE
4/3/98
logo
PCA ELECTRONICS INC.
EPR1101 PCA-EPR1101 Datasheet
27Kb / 1P
ISDN U Interface Transformers
EPR1136 PCA-EPR1136 Datasheet
38Kb / 1P
ISDN U Interface Transformers
EPR1166 PCA-EPR1166 Datasheet
39Kb / 1P
ISDN U Interface Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com