Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR1306FE Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1306FE
Description  T3/DS3/E3/STS-1 Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1306FE Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1306FE Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
T3/DS3/E3/STS-1 Interface Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Twelve Transformers in SMD Package
• Return Loss meets G.703 Requirements
• Operating Temperature : -40°C to +85°C
• 1500 Vrms Isolation
Schematic
EPR1306FE
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSR1306FE
Rev. 2
2/25/04 JDG
48
47
12
46
45
34
44
43
56
42
41
78
40
39
910
38
37
11
12
36
35
13
14
34
33
15
16
32
31
17
18
30
29
19
20
28
27
21
22
26
25
23
24
Pri.
Sec.
Interwinding Capacitance
(pF Max.)
12
Leakage Inductance
(µH Max.)
.12
60
Primary Inductance
(µH Min.) @ 25°C
Turns Ratio
(± 2%)
1: 1
40
Primary Inductance
(µH Min.) @ -40°C
.040
(1.02)
Solder Pad Layout
PCA
EPR1306FE
Date Code
.480
(12.19)
.660
(16.76)
.040
(1.02)
.025
(.640)
.080
(2.03)
124
25
48
.280
(7.11)
.045
(1.14)
.008/.012
(.203/.305)
.630
(16.00
)
.010/.015
(.254/.381
)
.920
(23.37)
.016
(.410)
1.120
(28.45
)
0°-8°
.100
(2.54)
Pin 1
I.D.
Crosstalk
(dB Min.)
35 @ 100 MHz


Similar Part No. - EPR1306FE

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1301G PCA-EPR1301G Datasheet
28Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
EPR1302G PCA-EPR1302G Datasheet
28Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
EPR1303G PCA-EPR1303G Datasheet
28Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
EPR1304G PCA-EPR1304G Datasheet
28Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
EPR1305S PCA-EPR1305S Datasheet
45Kb / 1P
T3/DS3/E3/STS-1 Interface Transformer
More results

Similar Description - EPR1306FE

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1301G PCA-EPR1301G Datasheet
28Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
EPR1351 PCA-EPR1351 Datasheet
27Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2B XFMRS-XF04061-2B Datasheet
61Kb / 2P
T3 / DS3 / E3 / STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
T3001 PULSE-T3001 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com