Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR1601SE Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1601SE
Description  T3/DS3/E3/STS-1 Quad Port Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1601SE Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1601SE Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
T3/DS3/E3/STS-1
Quad Port Interface Transformers
CSR1601SE
Rev. 1
2/12/02
• Optimized for Leading Transceiver I.C.’s •
• Eight Transformers Support Four T3/E3 Ports •
• Robust construction allows IR/VP reflow process •
• Meet Return Loss Requirements of G.703 •
• 1500 Vrms Isolation •
• Operating Temperature : -40°C to +85°C •
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
EPR1601SE
Schematic
Package
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
30
29
26 25
22
21
18
17
12
32
31
34
7
8
11
12
15
16
56
28
27
910
24
23
13
14
20
19
• † Note : 55 µH Min. @ -40°C •
OCL
(µH Min.) †
LL
(uH Max.)
Cw/w
(pF Max.)
DCR Pri.
(
Ω Max.)
Turns Ratio
(Pri : Sec ± 2%)
Land
Pattern
PCA
EPR1601SE
Date Code
Pin 1
I.D.
.050 Typ.
(1.27)
.310
(7.87)
.480
(12.19)
.050 Typ.
(1.27)
.030 Typ.
(.762)
.085 Typ.
(2.16)
.290
(7.37)
.035
(.889)
.010
(.254)
.420
(10.67)
.012 Typ.
(.305)
.750
(19.05)
.020 Typ.
(.508)
.990
(25.15)
0°-8°
.125
(3.18)
0.11
Xmit
10
Xmit
1.4
Xmit
Xmit
1:1
Rcv
0.11
Rcv
10
Rcv
1.4
Rcv
1:1
Xmit
100
Rcv
100


Similar Part No. - EPR1601SE

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1623SE PCA-EPR1623SE Datasheet
41Kb / 1P
Dual Wide Band Transformer
EPR1624SE PCA-EPR1624SE Datasheet
39Kb / 1P
E4/STM-1 Dual Line Interface Transformer
EPR1625GE PCA-EPR1625GE Datasheet
40Kb / 1P
Wideband RF Transformer
More results

Similar Description - EPR1601SE

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1301G PCA-EPR1301G Datasheet
28Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
EPR1306FE PCA-EPR1306FE Datasheet
51Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
EPR1351 PCA-EPR1351 Datasheet
27Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
XF04061-2B XFMRS-XF04061-2B Datasheet
61Kb / 2P
T3 / DS3 / E3 / STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
T3001 PULSE-T3001 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com