Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC628A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC628A
Description  LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC628A Datasheet(HTML) 1 Page - Semtech Corporation

  SC628A Datasheet HTML 1Page - Semtech Corporation SC628A Datasheet HTML 2Page - Semtech Corporation SC628A Datasheet HTML 3Page - Semtech Corporation SC628A Datasheet HTML 4Page - Semtech Corporation SC628A Datasheet HTML 5Page - Semtech Corporation SC628A Datasheet HTML 6Page - Semtech Corporation SC628A Datasheet HTML 7Page - Semtech Corporation SC628A Datasheet HTML 8Page - Semtech Corporation SC628A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
POWER MANAGEMENT
1
SC628A
LED Flash Driver
Charge Pump with 1000mA Flash Mode,
275mA Spotlight Mode, and I2C Interface
Features
Input supply voltage range — 3.0V to 5.5V
Charge pump modes — 1x, 1.5x and 2x
Flash LED — 1000mA max in flash mode, 275mA max
continuous for spotlight
Charge pump frequency — 250kHz
I2C compatible interface — up to 400kHz
External flash control pin to sync with camera
One second flash time out with disable feature
Automatic sleep mode (flash off ) — I
Q
= 100μA
Low shutdown current — 0.1μA (typical)
Ultra-thin package — 3mm x 3mm x 0.6mm
Fully WEEE and RoHS compliant
Applications
Cellular phone flash
PDA flash
Description
The SC628A is a high efficiency charge pump LED driver
using Semtech’s proprietary charge pump technology.
Performance is optimized for use in single-cell Li-ion
battery applications. The load
and supply conditions
determine whether the charge pump operates in 1x, 1.5x,
or 2x mode.
The charge pump provides continuous spotlight mode
current or pulsed flash mode current to an LED using a
dedicated current sink. In flash mode, a flash-timeout
feature turns off the flash if active for longer than 1 second.
In spotlight mode, the timeout feature is disabled to allow
continuous operation of the LED.
The SC628A uses an I2C compatible serial interface to set
the flash mode or the spotlight mode current. The flash/
spotlight output is triggered via either the I2C interface or
a dedicated flash enable pin (FLEN).
In sleep mode, the device reduces quiescent current to
100μA while continuing to monitor the serial interface.
Total current reduces to 0.1μA in shutdown.
SC628A
IN
SDA
FLEN
AGND
PGND
OUT
FL
CIN
4.7μF
1
C+ C1- C2+ C2-
I2C Data
Flash Control
Enable Control
I2C Clock
SCL
EN
VBAT = 3.0V to 5.5V
C1
2.2μF
C2
2.2μF
COUT
4.7μF
FLASH
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
July 14, 2009


Similar Part No. - SC628A

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC628ADJR MSPI-SC628ADJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628ADPR MSPI-SC628ADPR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628ADR MSPI-SC628ADR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628AEJR MSPI-SC628AEJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628AEPR MSPI-SC628AEPR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
More results

Similar Description - SC628A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC605 SEMTECH-SC605 Datasheet
361Kb / 12P
Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
logo
Will Semiconductor Ltd.
WD3124DA WILLSEMI-WD3124DA Datasheet
945Kb / 13P
1000mA Buck/Boost Charge Pump Flash LED Driver
WD3124DB WILLSEMI-WD3124DB Datasheet
985Kb / 13P
1000mA Buck/Boost Charge Pump Flash LED Driver
WD3610DA WILLSEMI-WD3610DA Datasheet
1Mb / 13P
1000mA Buck/Boost Charge Pump Flash LED Driver
WD3620D WILLSEMI-WD3620D Datasheet
2Mb / 16P
1000mA Buck/Boost Charge Pump Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com