Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441AEVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC441AEVB
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441AEVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC441AEVB Datasheet HTML 12Page - Semtech Corporation SC441AEVB Datasheet HTML 13Page - Semtech Corporation SC441AEVB Datasheet HTML 14Page - Semtech Corporation SC441AEVB Datasheet HTML 15Page - Semtech Corporation SC441AEVB Datasheet HTML 16Page - Semtech Corporation SC441AEVB Datasheet HTML 17Page - Semtech Corporation SC441AEVB Datasheet HTML 18Page - Semtech Corporation SC441AEVB Datasheet HTML 19Page - Semtech Corporation SC441AEVB Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SC441A
9
© 2009 Semtech Corporation
www.semtech.com
Outline Drawing - TSSOP-20 EDP
© 2009 Semtech Corporation
E
A1
A2 A
F
H
EXPOSED PAD
BOTTOM VIEW
F
H
.144
.112
.150
.118
.154
.122
3.66
2.85
3.81
3.00
3.91
3.10
INCHES
b
N
ccc
aaa
bbb
01
E1
E
L
L1
e
D
c
A2
A1
DIM
A
MIN
MAX
MILLIMETERS
MIN
DIMENSIONS
NOM MAX
NOM
E1
bbb
C A-B D
ccc C
DIMENSIONS "E1"AND "D"DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
-B-
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
(.039)
.004
.008
-
.024
-
-
-
-
0°
.018
.003
.031
.001
-
8°
0°
0.20
0.10
-
8°
0.45
0.09
0.80
0.025
.030
.007
.047
.042
.006
-
(1.0)
0.60
-
0.75
0.20
-
-
-
1.20
1.05
0.15
A
B
C
D
e
e/2
H
PLANE
D
L
(L1)
c
01
GAGE
PLANE
SEE DETAIL
DETAIL
A
A
0.25
.026 BSC
.252 BSC
20
.004
.169
.251
.173
.255
.007
-
20
0.10
0.65 BSC
6.40 BSC
4.40
6.50
-
.177
.259
4.30
6.40
.012 0.19
4.50
6.60
0.30
bxN
2X N/2 TIPS
SEATING
aaa C
E/2
INDICATOR
PIN 1
2X
1 3
2
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com