Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDRM_TO39 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDRM_TO39
Description  SAW RESONATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDRM_TO39 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDRM_TO39 Datasheet HTML 1Page - Shoulder Electronics Limited. HDRM_TO39 Datasheet HTML 2Page - Shoulder Electronics Limited. HDRM_TO39 Datasheet HTML 3Page - Shoulder Electronics Limited. HDRM_TO39 Datasheet HTML 4Page - Shoulder Electronics Limited. HDRM_TO39 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Http://www.shoulder.cn
SHOULDER ELECTRONICS CO., LTD.
Page: 3
4.Electrical characteristics
Part number
min
typ
max
unit
Center Frequency
Table 1
Insertion Loss
1.5
2.5
dB
Quality Factor Unload Q
11.000
50Ω Loaded Q
2.000
Turnover Temperature
39
℃
Turnover Frequency
fo±2.7
KHz
Temperature
Stability
Freq.temp.Coefficient
0.032
ppm/
℃2
Frequency Aging
<±10
ppm/
yr
DC. Insulation Resistance
1.0
MΩ
Motional Resistance R1
10
26
Ω
Motional Inductance L1
86
μH
RF Equivalent
RLC Model
Motional Capacitance C1
1.56
pF
Shunt Static Capacitance
1.7
2.0
2.3
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com