Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT455HTU Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # LT455HTU
Description  CERAMIC FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LT455HTU Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  LT455HTU Datasheet HTML 1Page - Shoulder Electronics Limited. LT455HTU Datasheet HTML 2Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LT 455(450)…W SERIES
Part
Number
Center
Frequency
(KHz)
Insertion
Loss
(dB)
PassBand
Ripple
(dB) max
6dB
Bandwidth
(KHz) min
50dB
Bandwidth
(KHz) min
Stop Band Att.
10 KHz
(dB) min
I/O
Impedance
(
)
LT450BU
450
2.0
4
2
15
30
30
1500
LT455BU
455
2.0
4
2
15
30
30
1500
LT450CU
450
2.0
4
2
12.5
24
30
1500
LT455CU
455
2.0
4
2
12.5
24
30
1500
LT450DU
450
1.5
4
2
10
20
30
1500
LT455DU
455
1.5
4
2
10
20
30
1500
LT450EU
450
1.5
6
2
7.5
15
30
1500
LT455EU
455
1.5
6
2
7.5
15
30
1500
LT450FU
450
1.5
6
2
6
12.5
30
2000
LT455FU
455
1.5
6
2
6
12.5
30
2000
LT450GU
450
1.5
6
2
4.5
10
30
2000
LT455GU
455
1.5
6
2
4.5
10
30
2000
LT450HU
450
1.0
6
2
3
9
30
2000
LT455HU
455
1.0
6
2
3
9
30
2000
LT450IU
450
1.0
6
2
2
7.5
30
2000
LT455IU
455
1.0
6
2
2
7.5
30
2000
LT450HTU
450
1.0
6
2
3
9
35
2000
LT455HTU
455
1.0
6
2
3
9
35
2000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com