Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF110T Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF110T
Description  SAW FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF110T Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF110T Datasheet HTML 1Page - Shoulder Electronics Limited. HDF110T Datasheet HTML 2Page - Shoulder Electronics Limited. HDF110T Datasheet HTML 3Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4.Electrical characteristics
Item
Typ.value
Tolerance/Limit
Insertion Loss(reference level)
Ae=amin
11.9
dB
14.0
dB
Reference frequency
Fc(30dB-BW
)
110.592 MHz
±60 kHz
Pass band shape(3 dB-BW)
Gaussian
3 dB bandwidth
BW
965
kHz
-
30 dB bandwidth
2600
kHz
40 dB bandwidth
2840
kHz
Relative attenuation
Arel
Fc+475kHz
≤3dB
Fc-425kHz
≤3dB
Fc+1375kHz
≥30dB
Fc-1395kHz
≥30dB
Fc+1.5MHz- fc+10MHz
≥ 45dB
≥40dB
Fc-1.355MHz – fc-10MHz
≥45dB
≥40dB
Group delay
fc±800kHz
GD
150 ns
300 ns max
Temperature coefficient
Tc 1st order
+1.7 ppm/K
Tc 2st order
-0.06 ppm/K
Drive /Load impedance
800Ω‖-5.6pF
5.Typical frequency response
Http://www.shoulder.cn
SHOULDER ELECTRONICS CO., LTD.
Page: 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com