Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2549 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD2549
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD2549 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD2549 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD2549 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD2549
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 30mA; IB= 0
80
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.375A
B
0.7
V
VBE(on)
Base-Emitter On Voltage
IC= 3A; VCE= 4V
1.8
V
ICES
Collector Cutoff Current
VCE= 70V; VBE= 0
100
μA
ICEO
Collector Cutoff Current
VCE= 70V; IB= 0
B
100
μA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
1.0
mA
hFE-1
DC Current Gain
IC= 1A; VCE= 4V
70
250
hFE-2
DC Current Gain
IC= 3A; VCE= 4V
10
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 10V
30
MHz
Switching Times
ton
Turn-on Time
0.5
μs
tstg
Storage Time
4.5
μs
tf
Fall Time
IC= 1A; IB1= -IB2= 0.1A; VCC= 50V
0.5
μs
hFE-1 Classifications
Q
P
70-150
120-250
isc Website:www.iscsemi.cn
2
www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com