Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F25L32PA Datasheet(PDF) 21 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L32PA
Description  3V Only 32 Mbit Serial Flash Memory with Dual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L32PA Datasheet(HTML) 21 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L32PA Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. F25L32PA Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. F25L32PA Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. F25L32PA Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. F25L32PA Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. F25L32PA Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. F25L32PA Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. F25L32PA Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. F25L32PA Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ESMT
F25L32PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2009
Revision: 1.0
21/36
Write Enable (WREN)
The Write Enable (WREN) instruction sets the Write-Enable-
Latch bit in the Software Status Register to 1 allowing Write
operations to occur.
The WREN instruction must be executed prior to any Write
(Program/Erase) operation. CE must be driven high before the
WREN instruction is executed.
Figure 21: Write Enable (WREN) Sequence
Write Disable (WRDI)
The Write Disable (WRDI) instruction resets the Write-Enable-
Latch bit to 0 disabling any new Write operations from occurring.
CE must be driven high before the WRDI instruction is
executed.
Figure 22: Write Disable (WRDI) Sequence
Enable Write Status Register (EWSR)
The Enable Write Status Register (EWSR) instruction arms the
Write Status Register (WRSR) instruction and opens the status
register for alteration. The Enable Write Status Register
instruction does not have any effect and will be wasted, if it is not
followed immediately by the Write Status Register (WRSR)
instruction. CE must be driven low before the EWSR instruction
is entered and must be driven high before the EWSR instruction
is executed.
CE
SCK
SI
01 2 3 4 5 6 7
MSB
HIGH IMPENANCE
SO
06
MODE3
MODE0
CE
SCK
SI
01 2 3 4 5 6 7
MSB
HIGH IMPENANCE
SO
04
MODE3
MODE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com