Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F25L08PA Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08PA
Description  3V Only 8 Mbit Serial Flash Memory with Dual
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08PA Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L08PA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ESMT
F25L08PA
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.3
9/32
Note:
1.
Operation: SIN = Serial In, SOUT = Serial Out, Bus Cycle 1 = Op Code
2.
X = Dummy Input Cycles (VIL or VIH); - = Non-Applicable Cycles (Cycles are not necessary); cont. = continuous
3.
One bus cycle is eight clock periods.
4.
Sector Earse addresses: use AMS -A12, remaining addresses can be VIL or VIH
Block Earse addresses: use AMS -A16, remaining addresses can be VIL or VIH
5.
To continue programming to the next sequential address location, enter the 8-bit command, followed by the data to be
programmed.
6.
The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE .
7.
The Enable-Write-Status-Register (EWSR) instruction and the Write-Status-Register (WRSR) instruction must work in
conjunction of each other. The WRSR instruction must be executed immediately (very next bus cycle) after the EWSR
instruction to make both instructions effective.
8.
The Read-Electronic-Signature is continuous with on going clock cycles until terminated by a low to high transition on CE .
9.
The Jedec-Read-ID is output first byte 8CH as manufacture ID; second byte 20H as top memory type; third byte 14H as
memory capacity.
10. The Write-Enable (WREN) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction of each
other. The WRSR instruction must be executed immediately (very next bus cycle) after the WREN instruction to make both
instructions effective. Both EWSR and WREN can enable WRSR, user just need to execute one of it. A successful WRSR
can reset WREN.
11. The Manufacture ID and Device ID output will repeat continuously until CE terminates the instruction.
12. Dual commands use bidirectional IO pins. DOUT and cont. are serial data out; others are serial data in.
13. Dual output data:
IO0 =(D6,D4,D2,D0), (D6,D4,D2,D0)
IO1 =(D7,D5,D3,D1), (D7,D5,D3,D1)
DOUT0
DOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com