Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ8502 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ8502
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ8502 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ8502 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ8502 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJ8502
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=100mA ; IB=0
700
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 2.5A; IB= 1A
IC= 2.5A; IB= 1A,TC=100℃
2.0
3.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 2A
B
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 2.5A; IB= 1A
IC= 2.5A; IB= 1A,TC=100℃
1.5
1.5
V
ICEV
Collector Cutoff Current
VCEV=1200V;VBE(off)=1.5V
VCEV=1200V;VBE(off)=1.5V;TC=150℃
0.25
5.0
mA
ICER
Collector Cutoff Current
VCE= 1200V; RBE= 50Ω,TC= 100℃
5.0
mA
IEBO
Emitter Cutoff Current
VEB= 7.0V; IC=0
1.0
mA
hFE
DC Current Gain
IC= 1.0A ; VCE= 5V
7.5
COB
Output Capacitance
IE= 0; VCB= 10V; ftest=1.0kHz
60
300
pF
Switching times;Resistive Load
td
Delay Time
40
200
ns
tr
Rise Time
125
2000
ns
ts
Storage Time
1200
4000
ns
tf
Fall Time
IC= 2.5A , VCC= 500V;
IB1= 1A;tp= 50μs; VBE(off)= 5V
Duty Cycle≤2.0%
650
2000
ns
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com