Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-OTP Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS2000-OTP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-OTP Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS2000-OTP_09 Datasheet HTML 18Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 19Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 20Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 21Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 22Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 23Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 24Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 25Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
CS2000-OTP
22
DS758F1
6. PARAMETER DESCRIPTIONS
As mentioned in Section 5.1 on page 11, there are two different kinds of parameter configuration sets, Modal and
Global. These configuration sets, shown in Figure 17, can be programmed in the field using the CDK2000 or pre-
programmed at the factory. Please see “Programming Information” on page 27 for more details.
Figure 17. Parameter Configuration Sets
6.1
Modal Configuration Sets
There are four instances of each of these configuration parameters. Selection between the four stored sets
is made using the M[1:0] pins.
6.1.1
R-Mod Selection (RModSel[1:0])
Selects the R-Mod value, which is used as a factor in determining the PLL’s Fractional N.
Note:
This parameter does not take affect unless M2 pin is high and the M2Config[2:0] global param-
eter is set to ‘011’.
RModSel[1:0]
R-Mod Selection
00
Right-shift R-value by 1 (÷ 2).
01
Right-shift R-value by 2 (÷ 4).
10
Right-shift R-value by 3 (÷ 8).
11
Right-shift R-value by 4 (÷ 16).
Application:
“Ratio Modifier (R-Mod)” on page 15
M[1:0] pins
Modal Configuration Set #0
RModSel[1:0]
LockClk[1:0]
FracNSrc
AuxOutSrc[1:0]
Modal Configuration Set #1
Ratio 1
RModSel[1:0]
LockClk[1:0]
FracNSrc
AuxOutSrc[1:0]
Modal Configuration Set #2
Ratio 2
RModSel[1:0]
LockClk[1:0]
FracNSrc
AuxOutSrc[1:0]
Modal Configuration Set #3
Ratio 3
RModSel[1:0]
LockClk[1:0]
FracNSrc
AuxOutSrc[1:0]
00
01
10
11
Global Configuration Set
RefClkDiv[1:0]
ClkOutUnl
AuxLockCfg
LFRatioCfg
M2Config[2:0]
Ratio 0
ClkIn_BW[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com