Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-OTP Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS2000-OTP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-OTP Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS2000-OTP Datasheet HTML 17Page - Cirrus Logic CS2000-OTP Datasheet HTML 18Page - Cirrus Logic CS2000-OTP Datasheet HTML 19Page - Cirrus Logic CS2000-OTP Datasheet HTML 20Page - Cirrus Logic CS2000-OTP Datasheet HTML 21Page - Cirrus Logic CS2000-OTP Datasheet HTML 22Page - Cirrus Logic CS2000-OTP Datasheet HTML 23Page - Cirrus Logic CS2000-OTP Datasheet HTML 24Page - Cirrus Logic CS2000-OTP Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
CS2000-OTP
DS758F1
21
5.8.2
PLL Unlock Conditions
Certain changes to the clock inputs and mode pins can cause the PLL to lose lock which will affect the
presence of a clock signal on CLK_OUT. The following outlines which conditions cause the PLL to go un-
locked:
Any change in the state of the M1 and M0 pins will cause the PLL to temporarily lose lock as the new
setting takes affect.
Changes made to the state of the M2 when the M2Config[2:0] global parameter is set to 011, 100, 101,
or 110 can cause the PLL to temporarily lose lock as the new setting takes affect.
Any discontinuities on the Timing Reference Clock, REF_CLK.
Discontinuities on the Frequency Reference Clock, CLK_IN.
Gradual changes in CLK_IN frequency greater than ±30% from the starting frequency.
Step changes in CLK_IN frequency.
5.9
Required Power Up Sequencing for Programmed Devices
Apply power. All input pins, except XTI/REF_CLK, should be held in a static logic hi or lo state until the
‘DC Power Supply’ specification in the “Recommended Operating Conditions” table on page 6 are met.
Apply input clock(s) if required.
For CDK programmed devices, toggle the state of the M0, M1, or both pins at least 3 times to initialize
the device. This must be done after the power supply is stable and before normal operation is expected.
Note: This operation is not required for factory programmed devices.
After the specified PLL lock time on page 7 has passed, the device will output the desired clock as con-
figured by the M0-M2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com