Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3002 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS3002
Description  Precision Low-voltage Amplifier; DC to 2 kHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3002 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS3002 Datasheet HTML 6Page - Cirrus Logic CS3002 Datasheet HTML 7Page - Cirrus Logic CS3002 Datasheet HTML 8Page - Cirrus Logic CS3002 Datasheet HTML 9Page - Cirrus Logic CS3002 Datasheet HTML 10Page - Cirrus Logic CS3002 Datasheet HTML 11Page - Cirrus Logic CS3002 Datasheet HTML 12Page - Cirrus Logic CS3002 Datasheet HTML 13Page - Cirrus Logic CS3002 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS3001
CS3002
10
DS490F9
The feedback capacitor C2 is required for closed-
loop gains greater than 50 V/V. The capacitor in-
troduces a pole and a zero in the loop gain transfer
function,
This indicates that the separation of the pole and
the zero is governed by the closed loop gain. It is
required that the zero falls on the steep slope
(–100 dB/decade) of the loop gain plot so that there
is some gain higher than 0 dB (typically 20 dB) at
the hand-over frequency (the frequency at which
the slope changes from – 100 dB/decade to
–20 dB/decade).
50 pF
50 pF
R1
R2
Vin
Vo
C2
Cin
Cin
Choose C2 so that R2
• C2 ≥
?
R1
• Cin
Figure 17. Non-inverting Gain Configuration with Compensation
T
1
s
z
1
-----
+


–
1
s
p
1
-----
+


-----------------------A
ol
=
P
1
1
2
π R
1
R
2
||
()C
2
-------------------------------------
1
2
π R
1C2
()
-------------------------
≅
=for
R
2
R
1
»
Z
1
1
2
π AR
1
×
()C
2
-----------------------------------
=where
A
R
2
R
1
------
=
Z
1
1
2
π R
2
()C
2
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com