Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5521
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5521 Datasheet HTML 1Page - Cirrus Logic CS5521 Datasheet HTML 2Page - Cirrus Logic CS5521 Datasheet HTML 3Page - Cirrus Logic CS5521 Datasheet HTML 4Page - Cirrus Logic CS5521 Datasheet HTML 5Page - Cirrus Logic CS5521 Datasheet HTML 6Page - Cirrus Logic CS5521 Datasheet HTML 7Page - Cirrus Logic CS5521 Datasheet HTML 8Page - Cirrus Logic CS5521 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
CS5521/22/23/24/28
2
DS317F8
TABLE OF CONTENTS
ANALOG CHARACTERISTICS ................................................................................................ 5
TYPICAL RMS NOISE, CS5521/23.......................................................................................... 7
TYPICAL NOISE FREE RESOLUTION (BITS), CS5521/23 .................................................... 7
TYPICAL RMS NOISE, CS5522/24/28..................................................................................... 8
TYPICAL NOISE FREE RESOLUTION (BITS), CS5522/24/28 ............................................... 8
5 V DIGITAL CHARACTERISTICS........................................................................................... 9
3 V DIGITAL CHARACTERISTICS........................................................................................... 9
DYNAMIC CHARACTERISTICS ............................................................................................ 10
RECOMMENDED OPERATING CONDITIONS ..................................................................... 10
ABSOLUTE MAXIMUM RATINGS ......................................................................................... 10
SWITCHING CHARACTERISTICS ........................................................................................ 11
1. GENERAL DESCRIPTION ..................................................................................................... 13
1.1 Analog Input ..................................................................................................................... 13
1.1.1 Instrumentation Amplifier ......................................................................................... 14
1.1.2 Coarse/Fine Charge Buffers ............................................................................... 14
1.1.3 Analog Input Span Considerations .......................................................................... 15
1.1.4 Measuring Voltages Higher than 5 V .................................................................. 15
1.1.5 Voltage Reference .............................................................................................. 16
1.2 Overview of ADC Register Structure and Operating Modes ............................................ 16
1.2.1 System Initialization ............................................................................................ 18
1.2.2 Command Register Quick Reference
............................................................... 19
1.2.3 Command Register Descriptions ........................................................................ 20
1.2.4 Serial Port Interface ............................................................................................ 25
1.2.5 Reading/Writing the Offset, Gain, and Configuration Registers .......................... 26
1.2.6 Reading/Writing the Channel-Setup Registers ................................................... 26
1.2.6.1 Latch Outputs ...................................................................................... 28
1.2.6.2 Channel Select Bits ............................................................................. 28
1.2.6.3 Output Word Rate Selection ............................................................... 28
1.2.6.4 Gain Bits .............................................................................................. 28
1.2.6.5 Unipolar/Bipolar Bit ............................................................................. 28
1.2.7 Configuration Register ........................................................................................ 28
1.2.7.1 Chop Frequency Select ....................................................................... 28
1.2.7.2 Conversion/Calibration Control Bits .................................................... 28
1.2.7.3 Power Consumption Control Bits ........................................................ 28
1.2.7.4 Charge Pump Disable ......................................................................... 29
1.2.7.5 Reset System Control Bits .................................................................. 29
1.2.7.6 Data Conversion Error Flags ............................................................... 29
1.3 Calibration ........................................................................................................................ 31
1.3.1 Self Calibration .................................................................................................... 31
1.3.2 System Calibration .............................................................................................. 32
1.3.3 Calibration Tips ................................................................................................... 34
1.3.4 Limitations in Calibration Range ......................................................................... 34
1.4 Performing Conversions and Reading the Data Conversion FIFO .................................. 34
1.4.1 Conversion Protocol ............................................................................................ 35
1.4.1.1 Single, One-Setup Conversion ............................................................ 35
1.4.1.2 Repeated One-Setup Conversions without Wait ................................. 35
1.4.1.3 Repeated One-Setup Conversions with Wait ...................................... 36
1.4.1.4 Single, Multiple-Setup Conversions .................................................... 36
1.4.1.5 Repeated Multiple-Setup Conversions without Wait ........................... 37
1.4.1.6 Repeated Multiple-Setup Conversions with Wait ................................ 37
1.4.2 Calibration Protocol ............................................................................................. 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com