Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5530
Description  24-bit ADC with Ultra-low-noise Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5530 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5530 Datasheet HTML 24Page - Cirrus Logic CS5530 Datasheet HTML 25Page - Cirrus Logic CS5530 Datasheet HTML 26Page - Cirrus Logic CS5530 Datasheet HTML 27Page - Cirrus Logic CS5530 Datasheet HTML 28Page - Cirrus Logic CS5530 Datasheet HTML 29Page - Cirrus Logic CS5530 Datasheet HTML 30Page - Cirrus Logic CS5530 Datasheet HTML 31Page - Cirrus Logic CS5530 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
CS5530
28
DS742F2
2.9 Clock Generator
The CS5530 includes an on-chip inverting amplifi-
er which can be connected with an external crystal
to provide the master clock for the chip. Figure 17
illustrates the on-chip oscillator. It includes loading
capacitors and a feedback resistor to form a Pierce
oscillator configuration. The chips are designed to
operate using a 4.9152 MHz crystal; however, oth-
er crystals with frequencies between 1 MHz to 5
MHz can be used. One lead of the crystal should be
connected to OSC1 and the other to OSC2. Lead
lengths should be minimized to reduce stray capac-
itance. Note that while using the on-chip oscillator,
neither OSC1 or OSC2 is capable of directly driv-
ing any off chip logic. When the on-chip oscillator
is used, the voltage on OSC2 is typically 1/2 V
peak-to-peak. This signal is not compatible with
external logic unless additional external circuitry is
added. The OSC2 output should be used if the on-
chip oscillator output is used to drive other circuit-
ry.
The designer can use an external CMOS compati-
ble oscillator to drive OSC2 with a 1 MHz to 5
MHz clock for the ADC. The external clock into
OSC2 must overdrive the 60 microampere output
of the on-chip amplifier. This will not harm the on-
chip circuitry. In this scheme, OSC1 should be left
unconnected.
2.10 Power Supply Arrangements
The CS5530 is designed to operate from single or
dual analog supplies and a single digital supply.
The following power supply connections are possi-
ble:
VA+ = +5 V; VA- = 0 V; VD+ = +3 V to +5 V
VA+ = +2.5 V; VA- = -2.5 V; VD+ = +3 V to +5 V
VA+ = +3 V; VA- = -3 V; VD+ = +3 V
A VA+ supply of +2.5 V, +3.0 V, or +5.0 V should
be maintained at ±5% tolerance. A VA- supply of
-2.5 V or -3.0 V should be maintained at ±5% tol-
erance. VD+ can extend from +2.7 V to +5.5 V
with the additional restriction that [(VD+) - (VA-)
< 7.5 V].
Figure 18 illustrates the CS5530 connected with a
single +5.0 V supply to measure differential inputs
relative to a common mode of 2.5 V. Figure 19 il-
lustrates the CS5530 connected with ±2.5 V bipolar
analog supplies and a +3 V to +5 V digital supply
to measure ground referenced bipolar signals. Fig-
ures 20 illustrates the CS5532 connected with ±3 V
analog supplies and a +3 V digital supply to mea-
sure ground referenced bipolar signals.
OSC1
MCLK
NOTE: 20 pF capacitors are on chip and
should not be added externally.
1 M
Ω
OSC2
20 pF
20 pF
+
-
VTH
~
~60 μA
Figure 17. On-chip Oscillator Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com