Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5523 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS5523
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5523 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS5523 Datasheet HTML 48Page - Cirrus Logic CS5523 Datasheet HTML 49Page - Cirrus Logic CS5523 Datasheet HTML 50Page - Cirrus Logic CS5523 Datasheet HTML 51Page - Cirrus Logic CS5523 Datasheet HTML 52Page - Cirrus Logic CS5523 Datasheet HTML 53Page - Cirrus Logic CS5523 Datasheet HTML 54Page - Cirrus Logic CS5523 Datasheet HTML 55Page - Cirrus Logic CS5523 Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
CS5521/22/23/24/28
DS317F8
53
4. ORDERING INFORMATION
5. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Model Number
Bits
Channels Linearity Error (Max)
Package
Temperature Range
CS5521-ASZ
16
2
±0.003%
20-pin 0.2" Plastic SSOP (Lead Free)
-40
°C to +85°C
CS5522-ASZ
24
±0.0015%
CS5523-ASZ
16
4
±0.003%
24-pin 0.2" Plastic SSOP (Lead Free)
CS5524-ASZ
24
±0.0015%
CS5528-ASZ
8
Model Number
Package
MSL Rating*
Peak Reflow Temp
Max Floor Life
CS5521-ASZ
20-pin 0.2" Plastic SSOP (Lead Free)
3
260 °C
7 Days
CS5522-ASZ
CS5523-ASZ
24-pin 0.2" Plastic SSOP (Lead Free)
CS5524-ASZ
CS5528-ASZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com