Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS8422_09 Datasheet HTML 61Page - Cirrus Logic CS8422_09 Datasheet HTML 62Page - Cirrus Logic CS8422_09 Datasheet HTML 63Page - Cirrus Logic CS8422_09 Datasheet HTML 64Page - Cirrus Logic CS8422_09 Datasheet HTML 65Page - Cirrus Logic CS8422_09 Datasheet HTML 66Page - Cirrus Logic CS8422_09 Datasheet HTML 67Page - Cirrus Logic CS8422_09 Datasheet HTML 68Page - Cirrus Logic CS8422_09 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
DS692PP2
65
CS8422
boxes held to the same potential, and the cable shield might be depended upon to make that electrical con-
nection. Generally, it is a good idea to provide the option of grounding or capacitively coupling the shield to
the chassis.
12.3.1
Attenuating Input signals
The input signals to the RX, RXP, and RXN pins in all modes of operation are limited to amplitudes equal
to, or less than +3.3 V. In some cases it may be necessary to attenuate the input signal so the input to the
device is within the valid operating range. Figures 31 and 32 illustrate how this should be done for both sin-
gle-ended and differential inputs. In both cases, equations (1) and (2) must be satisfied simultaneously.
1
XLR
110
Ω
Twisted
Pair
110
Ω
CS8422
RXP
RXN
* See Text
1
XLR
110
Ω
CS8422
RXP0
RXN0
0.01 F
μ
0.01 F
μ
*See Text
110
Ω
Twisted
Pair
Figure 26. Professional Input Circuit – Differential
Mode
Figure 27. Transformerless Professional Input Cir-
cuit – Differential Mode
RX3
RX0
RX2
75
Ω
.01
μF
.01
μF
.01
μF
.
..
75
Ω
Coax
75
Ω
75
Ω
75
Ω
Coax
75
Ω
Coax
CS8422
RCA Phono
RXP
RXN
CS8422
Coax
75
Ω
75
Ω
0.01
μF
0.01
μF
Figure 28. S/PDIF MUX Input Circuit – Single-Ended
Receiver Mode 1 Single-Ended Input Circuit –
Differential Mode
RXP
RXN
CS8422
0.01
μF
0.01
μF
TTL/CMOS
RX3
CS8422
TTL/CMOS
RX0
Figure 29. S/PDIF MUX Input Circuit – Digital Mode
Figure 30. TTL/CMOS Input Circuit – Differential
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com