Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61575 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS61575
Description  T1/E1 Line Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61575 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS61575 Datasheet HTML 26Page - Cirrus Logic CS61575 Datasheet HTML 27Page - Cirrus Logic CS61575 Datasheet HTML 28Page - Cirrus Logic CS61575 Datasheet HTML 29Page - Cirrus Logic CS61575 Datasheet HTML 30Page - Cirrus Logic CS61575 Datasheet HTML 31Page - Cirrus Logic CS61575 Datasheet HTML 32Page - Cirrus Logic CS61575 Datasheet HTML 33Page - Cirrus Logic CS61575 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
&6$&6
'6)

$33(1',;$5(&200(1'('&5<67$/63(&,),&$7,216
Cirrus Logic telecommunication devices that offer jitter attenuation require crystals with specifications for
frequency pullability. The crystal oscillation frequency is dictated by capacitive loading, which is con-
trolled by the chip. Therefore, the crystals must meet the following specifications.
 0+]&U\VWDO3HUIRUPDQFH6SHFLILFDWLRQV
 0+]&U\VWDO3HUIRUPDQFH6SHFLILFDWLRQV
Notes:
1. With Cload varying from 11.6 to 37.0 pF at a given temperature.
2. Measured at -40 to 85
°C.
3. Measured with Saunders 150D meter at 25
°C.
3DUDPHWHU
0LQ
7\S
0D[
8QLWV
Total Frequency Range
(Note 1)
-
370
390
ppm
Operating Frequency
Cload = 11.6 pF
(Note 2)
Cload = 19.0 pF
(Note 3)
Cload = 37.0 pF
(Note 2)
6.176803
6.175846
-
-
6.176000
-
-
6.176154
6.175197
MHz
MHz
MHz
3DUDPHWHU
0LQ
7\S
0D[
8QLWV
Total Frequency Range
(Note 1)
-
210
245
ppm
Operating Frequency
Cload = 11.6 pF
(Note 2)
Cload = 19.0 pF
(Note 3)
Cload = 37.0 pF
(Note 2)
8.192410
8.191795
-
-
8.192000
-
-
8.192205
8.191590
MHz
MHz
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com