Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA09 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA09
Description  Pulse Width Modulation Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA09 Datasheet(HTML) 2 Page - Cirrus Logic

  SA09 Datasheet HTML 1Page - Cirrus Logic SA09 Datasheet HTML 2Page - Cirrus Logic SA09 Datasheet HTML 3Page - Cirrus Logic SA09 Datasheet HTML 4Page - Cirrus Logic SA09 Datasheet HTML 5Page - Cirrus Logic SA09 Datasheet HTML 6Page - Cirrus Logic SA09 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA09
2
SA09U
.CHARACTERISTICSANDSPECIFICATIONS
ABSOLUTEMAxIMUMRATINGS
Parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE, +Vs to GND, 10mS surge
60
V
SUPPLY VOLTAGE, +V
CC to GND
16
V
OUTPUT CURRENT, peak
7.5
A
POWER DISSIPATION, internal
(Note 3)
80
W
TEMPERATURE, pin solder, 10s
300
°C
TEMPERATURE, junction
(Note 1)
150
°C
TEMPERATURE, storage
−65
150
°C
OPERATING TEMPERATURE RANGE, case
−55
125
°C
INPUTS
−0.4
+5.4
V
The SA09 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not
crush, machine, or subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
ExTERNALCONNECTIONS
8-pinDIP
PACKAGESTYLEEL
Case tied to Pin 7. Allow no current in case. Bypassing of sup-
plies is required. If +PWM > RAMP then A OUT > B OUT.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com