Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE310 Datasheet(PDF) 1 Page - Cirrus Logic

Part # VRE310
Description  Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE310 Datasheet(HTML) 1 Page - Cirrus Logic

  VRE310 Datasheet HTML 1Page - Cirrus Logic VRE310 Datasheet HTML 2Page - Cirrus Logic VRE310 Datasheet HTML 3Page - Cirrus Logic VRE310 Datasheet HTML 4Page - Cirrus Logic VRE310 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE310
VRE310DS
1
DESCRIPTION
The VRE310 is a low cost, high precision +10 V refer-
ence. Available in an industry standard 8-pin DIP or
SMT, the device is ideal for upgrading systems that
use lower performance references.
The device provides ultrastable +10 V output with ±1.0
mV (.01%) initial accuracy and a temperature coeffi-
cient of 0.6 ppm/ºC. This improvement in accuracy is
made possible by a unique, patented multipoint laser
compensation technique. Significant improvements
have been made in other performance parameters
as well, including initial accuracy, warm-up drift, line
regulation, and long-term stability, making the VRE310
series the most accurate reference available in a stan-
dard 8-pin DIP or SMT package.
For enhanced performance, the VRE310 has an exter-
nal trim option for users who want less than 0.01% ini-
tial error. For ultra low noise applications, an external
capacitor can be attached between the noise reduction
pin and the ground pin. A reference ground pin is pro-
vided to eliminate socket contact resistance errors.
FEaTuRES
♦ +10 V Output, ±1.0 mV (.01%)
♦ Temperature Drift: 0.6 ppm/ºC
♦ Low Noise: 6 μV
P-P (0.1-10Hz)
♦ Industry Standard Pinout: 8-pin DIP or Surface
Mount Package
♦ Excellent Line Regulation: 6 ppm/V Typical
♦ Output Trim Capability
aPPlICaTIONS
The VRE310 is recommended for use as a refer-
ence for 14, 16, or 18-bit D/A converters which re-
quire an external precision reference. The device
is also ideal for calibrating scale factor on high
resolution A/D converters. The VRE310 offers su-
perior performance over monolithic references.
Precision Voltage Reference
VRE310
P r o d u c t I n n o v a t i o n F r o m
Figure1.BlOCKDIaGRaM
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MaR2009
APEX − VRE310DSREVE
Model
InitialError
(mV)
Temp.Coeff.
(ppm/ºC)
Temp.Range
(ºC)
Package
Options
VRE310AS
VRE310AD
VRE310BS
VRE310BD
VRE310CS
VRE310CD
VRE310JS
VRE310JD
1.0
1.0
1.6
1.6
2.0
2.0
1.0
1.0
0.6
0.6
1.0
1.0
2.0
2.0
0.6
0.6
0ºC to +70ºC
0ºC to +70ºC
0ºC to +70ºC
0ºC to +70ºC
0ºC to +70ºC
0ºC to +70ºC
-40ºC to +85ºC
-40ºC to +85ºC
SMT8 (GD)
DIP8 (KD)
SMT8 (GD)
DIP8 (KD)
SMT8 (GD)
DIP8 (KD)
SMT8 (GD)
DIP8 (KD)
SElECTIONGuIDE
8-pinSurfaceMount
PackageStyleGD
8-pinDIP
PackageStyleKD


Similar Part No. - VRE310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE310 ETC-VRE310 Datasheet
420Kb / 5P
Low Cost Precision Reference
VRE310 ETC-VRE310 Datasheet
2Mb / 41P
Low Cost Precision Reference
VRE310A ETC-VRE310A Datasheet
420Kb / 5P
Low Cost Precision Reference
VRE310A ETC-VRE310A Datasheet
2Mb / 41P
Low Cost Precision Reference
VRE310B ETC-VRE310B Datasheet
420Kb / 5P
Low Cost Precision Reference
More results

Similar Description - VRE310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE107 CIRRUS-VRE107 Datasheet
663Kb / 5P
Precision Voltage Reference
VRE117 CIRRUS-VRE117 Datasheet
766Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com