Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE405AS Datasheet(PDF) 2 Page - Cirrus Logic

Part # VRE405AS
Description  Precision Dual Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE405AS Datasheet(HTML) 2 Page - Cirrus Logic

  VRE405AS Datasheet HTML 1Page - Cirrus Logic VRE405AS Datasheet HTML 2Page - Cirrus Logic VRE405AS Datasheet HTML 3Page - Cirrus Logic VRE405AS Datasheet HTML 4Page - Cirrus Logic VRE405AS Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE405
2
VRE405DS
.ChaRaCTERISTICSaNDSPECIFICaTIONS
ElECTRICalSPECIFICaTIONS
V
PS =±15V, T = +25ºC, RL = 10KΩ Unless Otherwise Noted.
Model
VRE405a
VRE405B
VRE405C
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
units
aBSOluTERaTINGS
Power Supply
±13.5
±15
±22
*
*
*
*
*
*
V
Operating Temperature
0
+70
*
*
*
*
ºC
Storage Temperature
-65
+150
*
*
*
*
ºC
Short Circuit Protection
Continuous
*
*
OuTPuTVOlTaGE
VRE405
±5.0
*
*
V
OuTPuTVOlTaGEERRORS
Initial Error
(Note 1)
±0.05
±0.80
±1.00
mV
Warmup Drift
1
2
3
ppm
T
MIN - TMAX
(Note2)
0.6
1.0
2.0
ppm/ºC
Tracking Error
0.3
0.4
0.5
mV
Long-Term Stability
6
*
*
ppm/1000hrs.
Noise (0.1 - 10Hz)
(Note 3)
3
*
*
µVpp
OuTPuTCuRRENT
Range
±10
*
mA
REGulaTION
Line
3
10
*
*
*
*
ppm/V
Load
3
*
*
ppm/mA
OuTPuTaDJuSTMENT
Range
20
*
*
mV
POWERSuPPlYCuRRENT (Note 4)
+PS
7
9
*
*
*
*
mA
-PS
4
6
*
*
*
*
mA
NOTES:
* Same as A Models.
1. The specified values are without external trim.
2. The temperature coefficient (TC) is determined by the box method using the following formula:
4. The tracking error is the deviation between the positive and negative output over the operating
temp. range.
5. The specified values are unloaded.
V
NOMINAL x (TMAX – TMIN)
V
MAX – VMIN
T.C. =
x 106



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com