Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS3431AM Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS3431AM
Description  PRECISION ADJUSTABLE SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3431AM Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS3431AM Datasheet HTML 1Page - Advanced Monolithic Systems AMS3431AM Datasheet HTML 2Page - Advanced Monolithic Systems AMS3431AM Datasheet HTML 3Page - Advanced Monolithic Systems AMS3431AM Datasheet HTML 4Page - Advanced Monolithic Systems AMS3431AM Datasheet HTML 5Page - Advanced Monolithic Systems AMS3431AM Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS3431
TEST CIRCUITS
V
IN
I
REF
I
Z
V
Z = VREF
V
REF
V
IN
V
Z
I
Z
V
REF
I
REF
R1
R2
V
IN
V
Z
I
Z OFF
Figure 1. Test Circuit for VZ=VREF
Figure 2. Test Circuit for VREF vs IZ
Test circuit for IREF.
Figure 3. Test Circuit for Off-State Current
TYPICAL APPLICATIONS
Shunt Regulator
Single Supply Comparator with
Temperature Compensated Threshold
V+
V
REF
R2
R1
V
O
VO ≈ (1+R1/R2)VREF
V
ON ≈ 2V
V
OFF = V+
V+
OUT
GND
IN
V
TH ≈ 2.5V
Series Regulator
Higher Current Shunt Regulator
V+
R2
R1
V
O
0.01
µF
30
Ω
VO ≈ (1+R1/R2)VREF
R1
R1
V
O
V+
VO ≈ (1+R1/R2)VREF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com