Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4041AS Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS4041AS
Description  MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4041AS Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS4041AS Datasheet HTML 1Page - Advanced Monolithic Systems AMS4041AS Datasheet HTML 2Page - Advanced Monolithic Systems AMS4041AS Datasheet HTML 3Page - Advanced Monolithic Systems AMS4041AS Datasheet HTML 4Page - Advanced Monolithic Systems AMS4041AS Datasheet HTML 5Page - Advanced Monolithic Systems AMS4041AS Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS4041
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
SOT-89 PLASTIC PACKAGE (L)
3 LEAD SOT-23 PLASTIC PACKAGE (M)
0.090-0.102
(2.29-2.60)
0.173-0.181
(4.40-4.60)
0.064-0.072
(1.62-1.83)
0.155-0.167
(3.94-4.25)
0.059
(1.50)
BSC
0.035-0.047
(0.89-1.20)
L (SOT-89 ) AMS DRW# 042392
0.118
(3.00)
BSC
0.014-0.019
(0.36-0.48)
0.017-0.022
(0.44-0.56)
0.084-0.090
(2.13-2.29)
0.055-0.063
(1.40-1.60)
0.014-0.017
(0.35-0.44)
0.047-0.055
(1.194-1.397)
0.015-0.017
(0.381-0.432)
0.110-0.120
(2.794-3.048)
0.083-0.098
(2.108-2.489)
0.035-0.040
(0.889-1.016)
0.070-0.080
(1.778-2.032)
0.018-0.024
(0.457-0.610)
10°
NOM
0.0034-0.0050
(0.086-0.127)
(SOT-23 ) AMS DRW# 051991
0.035-0.041
(0.089-1.041)
0.0005-0.0040
(0.013-0.102)
0.018-0.024
(0.457-0.610)
10°
NOM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com