Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5010NT Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS5010NT
Description  1.2V VOLTAGE REFERENCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS5010NT Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS5010NT Datasheet HTML 1Page - Advanced Monolithic Systems AMS5010NT Datasheet HTML 2Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS5010
Monolithic
1.2V VOLTAGE REFERENCE
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Low Temperature Coefficient
• Battery Powered Systems
•Wide Operating Current Range: 50µA to 5mA
• Instrumentation
• Low Output Impedance: 0.6Ω Typ.
• A/D, D/A Converters
• Superior Replacement for Other 1.2V References
• Monitors/ VCR/ TV
• No Frequency Compensation Required
• Current sources
• Low Cost
GENERAL DESCRIPTION
The AMS5010 is a two-terminal band-gap voltage reference diode, which provides a fixed 1.22V output voltage. This device
features a low output impedance and low temperature coefficient, operating over a 50µA to 5mA current range. The AMS5010
is ideal for usage in battery power instrument application as well as a reference for CMOS A/D converters.
The AMS5010NT, MT, LN, HN, GH grades are specified operational over a temperature range of 0
°C to 70°C while
AMS5010LT, KT, JT grades are rated over the full -55
°C to +125°C temperature range. The AMS5010 is available in TO-92
and TO-52 (metal can) packages.
ORDERING INFORMATION:
MAX.
PACKAGE TYPE
OPERATING
TEMPCO
TO-92
TO-52
TEMPERATURE RANGE
5ppm/
°C
-
AMS5010NT
0
°C to 70°C
10ppm/
°C
-
AMS5010MT
0
°C to 70°C
25ppm
°C AMS5010LN
-
0
°C to 70°C
50ppm/
°C AMS5010HN
-
0
°C to 70°C
100ppm
°C AMS5010GN
-
0
°C to 70°C
25ppm/
°C
-
AMS5010LT
-55
°C to +125°C
50ppm/
°C
-
AMS5010KT
-55
°C to +125°C
100ppm
°C
-
AMS5010JT
-55
°C to +125°C
PIN CONNECTIONS
TO-92
Plastic Package (N)
TO-52
Metal Can Package (T)
Bottom View
Bottom View
1
2
+-
1
2
-
+


Similar Part No. - AMS5010NT

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS5010NT ADMOS-AMS5010NT Datasheet
17Kb / 2P
1.2V VOLTAGE REFERENCE
More results

Similar Description - AMS5010NT

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS5010 ADMOS-AMS5010 Datasheet
17Kb / 2P
1.2V VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004 Datasheet
82Kb / 9P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
logo
Zarlink Semiconductor I...
SR12D ZARLINK-SR12D Datasheet
265Kb / 5P
1.2V PRECISION VOLTAGE REFERENCE
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004_07 Datasheet
793Kb / 9P
1.2V / 2.5V Micropower Voltage Reference
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004_08 Datasheet
249Kb / 12P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Texas Instruments
REF1004 TI1-REF1004 Datasheet
254Kb / 12P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520_V01 Datasheet
328Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com