Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4041AM Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS4041AM
Description  MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4041AM Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS4041AM Datasheet HTML 1Page - Advanced Monolithic Systems AMS4041AM Datasheet HTML 2Page - Advanced Monolithic Systems AMS4041AM Datasheet HTML 3Page - Advanced Monolithic Systems AMS4041AM Datasheet HTML 4Page - Advanced Monolithic Systems AMS4041AM Datasheet HTML 5Page - Advanced Monolithic Systems AMS4041AM Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS4041
TYPICAL APPLICATIONS
Precision 1
µA to 1mA Current Sources
8
4
3
2
+
-
1/2
LMC6062
1
AMS4041
R2
R1
20k
-15V
-1.0V TO -12V
I
OUT*
IOUT=1.2V/R2
8
4
3
2
+
-
1/2
LMC6062
1
R2
R1
20k
12V
1.0V TO 12V
I
OUT*
AMS4041
Programmable Current Source
4
2
3
-
+
1
0.1
µF
-
+
1/2
LMC6062
1/2
LMC6062
30k
12V
12
A
OUT
123Ω, 0.5%
AMS4041
+12V
7
6
5
8
ANA
GND
INPUT
2
LF13006
LF13007
DIGITAL
CONTROL
I
OUT
IOUT = 1.2V/123Ω(1/gain set #)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com