Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSOP-07C Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMSOP-07C
Description  LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSOP-07C Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMSOP-07C Datasheet HTML 1Page - Advanced Monolithic Systems AMSOP-07C Datasheet HTML 2Page - Advanced Monolithic Systems AMSOP-07C Datasheet HTML 3Page - Advanced Monolithic Systems AMSOP-07C Datasheet HTML 4Page - Advanced Monolithic Systems AMSOP-07C Datasheet HTML 5Page - Advanced Monolithic Systems AMSOP-07C Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMSOP-07
ABSOLUTE MAXIMUM RATINGS (Note1)
Supply Voltage
±22V
Storage temperature
-65
°C to +125°C
Differential Input Voltage
±30V
Junction Temperature
+150
°C
Input Voltage
±22V
Soldering information (25 sec)
265
°C
Output Short Circuit Duration
Indefinite
Thermal Resistance
Operating Temperature Range
-40
°C to 85°C
8 L SOIC
158
°C/W
8 L PDIP
103
°C/W
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =±15V and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMSOP-07E
AMSOP-07 C
AMSOP-07 D
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
(Note 2)
30
75
60
150
60
150
µV
Long Term VOS
Stability
(Note 3)
0.3
1.5
0.4
2.0
0.5
3.0
µV/Mo
Input Offset Current
0.5
3.8
0.8
6.0
0.8
6.0
nA
Input Bias Current
± 1.2
± 4.0
± 1.8
± 7.0
± 2.0
± 12
nA
Input Noise Voltage
0.1Hz to 10Hz
0.35
0.6
0.38
0.65
0.38
0.65
µV
P-P
Input Noise Voltage
Density
fO = 10Hz
fO = 100Hz (Note 4)
fO = 1000Hz
10.3
10.0
9.6
18.0
13.0
11.0
10.5
10.2
9.8
20.0
13.5
11.5
10.5
10.3
9.8
20.0
13.5
11.5
nV/
√H
z
Input Noise Current
0.1Hz to 10Hz
14
30
15
35
15
35
pAP-P
Input Noise
CurrentDensity
fO = 10Hz
fO = 100Hz (Note 4)
fO = 1000Hz
0.32
0.14
0.12
0.80
0.23
0.17
0.35
0.15
0.13
0.90
0.27
0.18
0.35
0.15
0.13
0.90
0.27
0.18
pA/
√H
z
Input Resistance
Differential-Mode
(Note 5)
15
50
8
33
7
31
M
Input Resistance
Common-Mode
160
120
120
G
Input Voltage
Range
± 13
± 14
± 13
± 14
± 13
± 14
V
Common-Mode
Rejection Ratio
VCM = ± 13
106
123
100
120
94
110
dB
Power Supply
Rejection Ratio
VS = ± 13 to ± 18
5
20
7
32
7
32
µV/V
Large-Signal
Voltage Gain
RL≥2kΩ, VO =± 10V
RL≥500Ω, VO =± 0.5V,
VS =± 0.5V (Note 5)
200
150
500
400
120
100
400
400
120
400
400
V/mV
Output Voltage
Swing
RL ≥10kΩ
RL ≥2kΩ
RL ≥1kΩ
± 12.5
± 12.0
± 10.5
± 13.0
± 12.8
± 12.0
± 12.0
± 11.5
± 13.0
± 12.8
± 12.0
± 12.0
± 11.5
± 13.0
± 12.8
± 12.0
V
Slew Rate
RL ≥2kΩ (Note 4)
0.1
0.3
0.1
0.3
0.1
0.3
V/
µs
Closed-Loop
Bandwidth
AVCL =+1
(Note 6)
0.4
0.6
0.4
0.6
0.4
0.6
MHz
Open-Loop Output
Resistance
VO = 0, IO= 0
60
60
60
Power Consumption
VS =± 15V, No Load
VS =± 3V, No Load
75
4
120
6
80
4
150
8
80
4
150
8
mW
Offset Adjustment
Range
RP =20kΩ
± 4
± 4
± 4
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com