Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS98 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BUS98
Description  30 AMPERES NPN SILICON POWER TRANSISTORS(SWITCHMODE SERIES)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUS98 Datasheet(HTML) 2 Page - Motorola, Inc

  BUS98 Datasheet HTML 1Page - Motorola, Inc BUS98 Datasheet HTML 2Page - Motorola, Inc BUS98 Datasheet HTML 3Page - Motorola, Inc BUS98 Datasheet HTML 4Page - Motorola, Inc BUS98 Datasheet HTML 5Page - Motorola, Inc BUS98 Datasheet HTML 6Page - Motorola, Inc BUS98 Datasheet HTML 7Page - Motorola, Inc BUS98 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BUS98 BUS98A
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (1)
Collector–Emitter Sustaining Voltage (Table 1)
(IC = 200 mA, IB = 0) L = 25 mH
BUS98
BUS98A
VCEO(sus)
400
450
—
—
—
—
Vdc
Collector Cutoff Current
(VCEV = Rated Value, VBE(off) = 1.5 Vdc)
(VCEV = Rated Value, VBE(off) = 1.5 Vdc, TC = 125_C)
ICEV
—
—
—
—
0.4
4.0
mAdc
Collector Cutoff Current
(VCE = Rated VCEV, RBE = 10 Ω)
TC = 25 _C
TC = 125 _C
ICER
—
—
—
—
1.0
6.0
mAdc
Emitter Cutoff Current
(VEB = 7 Vdc, IC = 0)
IEBO
—
—
0.2
mAdc
Emitter–Base Breakdown Voltage
(IE = 100 mA – IC = 0)
VEBO
7.0
—
—
Vdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
IS/b
See Figure 12
Clamped Inductive SOA with Base Reverse Biased
RBSOA
See Figure 13
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 20 Adc, VCE = 5 Vdc)
BUS98
(IC = 16 Adc, VCE = 5 V)
BUS98A
hFE
8
—
—
—
Collector–Emitter Saturation Voltage
(IC = 20 Adc, IB = 4 Adc)
BUS98
(IC = 30 Adc, IB = 8 Adc)
(IC = 20 Adc, IB = 4 Adc, TC = 100_C)
(IC = 16 Adc, IB = 3.2 Adc)
BUS98A
(IC = 24 Adc, IB = 5 Adc)
(IC = 16 Adc, IB = 3.2 Adc, TC = 100_C)
VCE(sat)
—
—
—
—
—
—
—
—
—
—
—
—
1.5
3.5
2.0
1.5
5.0
2.0
Vdc
Base–Emitter Saturation Voltage
(IC = 20 Adc, IB = 4 Adc)
BUS98
(IC = 20 Adc, IB = 4 Adc, TC = 100_C)
(IC = 16 Adc, IB = 3.2 Adc)
BUS98A
(IC = 16 Adc, IB = 3.2 Adc, TC = 100_C)
VBE(sat)
—
—
—
—
—
—
—
—
1.6
1.6
1.6
1.6
Vdc
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 100 kHz)
Cob
—
—
700
pF
SWITCHING CHARACTERISTICS
Restive Load (Table 1)
Delay Time
(VCC = 250 Vdc, IC = 20 A,
IB1 = 4.0 A, tp = 30 µs,
Duty Cycle
v 2%, VBE(off) = 5 V)
(for BUS98A: IC = 16 A, Ib1 = 3.2 A)
td
—
0.1
0.2
µs
Rise Time
(VCC = 250 Vdc, IC = 20 A,
IB1 = 4.0 A, tp = 30 µs,
Duty Cycle
v 2%, VBE(off) = 5 V)
(for BUS98A: IC = 16 A, Ib1 = 3.2 A)
tr
—
0.4
0.7
Storage Time
IB1 = 4.0 A, tp = 30 µs,
Duty Cycle
v 2%, VBE(off) = 5 V)
(for BUS98A: IC = 16 A, Ib1 = 3.2 A)
ts
—
1.55
2.3
Fall Time
v 2%, VBE(off) = 5 V)
(for BUS98A: IC = 16 A, Ib1 = 3.2 A)
tf
—
0.2
0.4
Inductive Load, Clamped (Table 1)
Storage Time
IC(pk) = 20 A
(BUS98)
Ib1 = 4 A
VBE(off) = 5 V,
VCE(c1) = 250 V)
IC(pk) = 16 A
(BUS98A)
lB1 = 3.2 A)
(TC = 25_C)
tsv
—
1.55
—
µs
Fall Time
IC(pk) = 20 A
(BUS98)
Ib1 = 4 A
VBE(off) = 5 V,
VCE(c1) = 250 V)
IC(pk) = 16 A
(BUS98A)
lB1 = 3.2 A)
(TC = 25_C)
tfi
—
0.06
—
Storage Time
VBE(off) = 5 V,
VCE(c1) = 250 V)
IC(pk) = 16 A
(BUS98A)
lB1 = 3.2 A)
(TC = 100_C)
tsv
—
1.8
2.8
Crossover Time
VCE(c1) = 250 V)
IC(pk) = 16 A
(BUS98A)
lB1 = 3.2 A)
(TC = 100_C)
tc
—
0.3
0.6
Fall Time
lB1 = 3.2 A)
_C)
tfi
—
0.17
0.35
(1) Pulse Test: PW = 300
µs, Duty Cycle v 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com