Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

527248TP2 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 527248TP2
Description  EMI/RFI Shield Sock Backshell with Strain-Relief and 30 Cable Entries
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527248TP2 Datasheet(HTML) 2 Page - Glenair, Inc.

  527248TP2 Datasheet HTML 1Page - Glenair, Inc. 527248TP2 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-25
CAGE Code 06324
NOTES:
1. Metric dimensions (mm) are indicated in parentheses.
2. ARINC 600 Series Connector Backshells are designed to replace the insert retainer plates. Due to non-standard modifications by the
connector manufacturer, the backshell may require special design alterations to mate properly. Prior to ordering, consult factory with
connector partnumbers not shown in the Part Number Development to ensure a proper fit.
D
Max
1.770 (45.0)
1.770 (45.0)
1.300 (33.0)
1.890 (48.0)
1.890 (48.0)
1.300 (33.0)
TABLE I: CABLE ENTRY
F
Min
.780 (19.8)
.780 (19.8)
.470 (11.9)
.850 (21.6)
.850 (21.6)
.470 (11.9)
Port
A
B
C
D
E
F
C
Min
1.091 (27.7)
1.091 (27.7)
.630 (16.0)
1.217 (30.9)
1.217 (30.9)
.630 (16.0)
E
+.031 (0.8)
.826 (21.0)
.826 (21.0)
.460 (11.7)
.826 (21.0)
.826 (21.0)
.460 (11.7)
527-248
EMI/RFI Shield Sock Backshell
with Strain-Relief and 30° Cable Entries
for Size 3 ARINC 600 Series Connectors
Symbol
B
C*
G*
J
LF
M
N
NC
NF
T
U**
ZN
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
TABLE II:
FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and accesso-
ries. Consult factory for other available finishes.
TABLE III: CONNECTOR DESIGNATOR
ARINC 600 series connector backshells are designed to replace the
insert retainer plates. Due to non-standard modifications by the
connector manufacturer, the backshell may require special design
alterations to mate properly. The following should be used to
determine if a backshell modification is required. Prior to ordering,
consult factory with connector part numbers not shown to ensure a
proper fit.
Connector
Designator
P
P1
P2
P3
P5
P6
Connector Description
All Manufacturer’s Plug and Receptacle Shells, Except
for Those Listed Below (Prior to ordering, consult factory
with connector part numbers not listed below to ensure a
proper fit.)
Cannon BKAD****322 Series Plug
Cannon/Radiall Environmental Plug
Cannon/Boeing BACC 66 Plug
Radiall/Boeing BACC66 Plug
Cannon BKAC & BKAE XXX322 Series Environmental
Plug



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com