Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

557331M Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 557331M
Description  EMI/RFI Banding Backshell Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

557331M Datasheet(HTML) 1 Page - Glenair, Inc.

  557331M Datasheet HTML 1Page - Glenair, Inc. 557331M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
A-98
CAGE Code 06324
557-331
EMI/RFI Banding Backshell Assembly
for MIL-C-24308 Connectors
557 331 M 2 C B S
Product Series
Basic Number
Finish (Table II)
Shell Size (Table I)
S = Slots
(Omit for None)
B = Band (600-052)
(Omit for None)
Jackscrew Options:
A = Hex Socket Head
C = Fillister Head
(Omit for None)
.125/.115 (3.2/2.9)
2 Places
E
Connector shown for
Reference Only
"C" Option
G
F
.035 (0.9)
C
A
D
"A" Option
.550 (14.0)
Slot
100W x .250H
See Note 2
.125 (3.2) 2 Places
B
NOTES:
1. Metric dimensions (mm) are indicated in parentheses.
2. End Fitting may be brazed on per MIL-B-7883B, Type V, Grade B.


Similar Part No. - 557331M

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
5573 ADAFRUIT-5573 Datasheet
227Kb / 2P
Large Inductive Wireless LEDs - 10 Pack - Yellow
12-19-22
logo
Glenair, Inc.
557367M GLENAIR-557367M Datasheet
120Kb / 2P
EMI/RFI Banding Backshell Assembly
logo
Festo Corporation.
557377 FESTO-557377 Datasheet
143Kb / 1P
Soft start valve
557390 FESTO-557390 Datasheet
87Kb / 1P
Quick coupling
1/26/23
logo
Glenair, Inc.
557398M GLENAIR-557398M Datasheet
118Kb / 2P
EMI/RFI Banding Backshell Assembly
More results

Similar Description - 557331M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527169M07A GLENAIR-527169M07A Datasheet
119Kb / 1P
EMI/RFI Banding Backshell Assembly
557-108M2 GLENAIR-557-108M2 Datasheet
135Kb / 2P
EMI/RFI Banding Backshell Assembly
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
EMI/RFI Banding Backshell Assembly
557T246M GLENAIR-557T246M Datasheet
82Kb / 2P
EMI/RFI Banding Backshell Assembly
557262M GLENAIR-557262M Datasheet
119Kb / 2P
EMI/RFI Banding Backshell Assembly
557T316M GLENAIR-557T316M Datasheet
58Kb / 2P
EMI/RFI Banding Backshell Assembly
557367M GLENAIR-557367M Datasheet
120Kb / 2P
EMI/RFI Banding Backshell Assembly
557398M GLENAIR-557398M Datasheet
118Kb / 2P
EMI/RFI Banding Backshell Assembly
557-408M2 GLENAIR-557-408M2 Datasheet
457Kb / 2P
EMI/RFI Banding Backshell Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com