Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C4M4DG-7/XT Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS4C4M4DG-7/XT
Description  4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4C4M4DG-7/XT Datasheet(HTML) 2 Page - Austin Semiconductor

  AS4C4M4DG-7/XT Datasheet HTML 1Page - Austin Semiconductor AS4C4M4DG-7/XT Datasheet HTML 2Page - Austin Semiconductor AS4C4M4DG-7/XT Datasheet HTML 3Page - Austin Semiconductor AS4C4M4DG-7/XT Datasheet HTML 4Page - Austin Semiconductor AS4C4M4DG-7/XT Datasheet HTML 5Page - Austin Semiconductor AS4C4M4DG-7/XT Datasheet HTML 6Page - Austin Semiconductor AS4C4M4DG-7/XT Datasheet HTML 7Page - Austin Semiconductor AS4C4M4DG-7/XT Datasheet HTML 8Page - Austin Semiconductor AS4C4M4DG-7/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
16 Me
16 Me
16 Me
16 Me
16 Meg FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
AS4C4M4
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
2
AS4C4M4
Rev. 1.1 06/05
Austin Semiconductor, Inc.
FUNCTIONAL BLOCK DIAGRAM
RAS\
VCC
CAS\
VSS
W\
(A0 - A10)
(A0 - A10)
OE\
DQ0
to
DQ3
Control
Clocks
VBB Generator
Refresh Timer
Refresh Control
Refresh Counter
Row Address Buffer
Col. Address Buffer
Memory Array
4,194,304 x 4
Cells
Row Decoder
Column Decoder
Data In
Buffer
Data Out
Buffer
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect reliability. Junction temperature depends
upon package type, cycle time, loading, ambient temperature
and airflow, and humidity (plastics).
ABSOLUTE MAXIMUM RATINGS*
Voltage on any pin relative to V
CC (VIN, VOUT) .....-1.0V to +7.0V
Voltage on V
CC supply relative to VSS (VCC).........-1.0V to +7.0V
Storage Temperature (T
stg)................................-55°C to +150°C
Power Dissipation (P
D).............................................................1W
Short Circuit Output Current (I
OS Address).........................50mA
ELECTRICAL CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS
(-55oC < T
A
< +125oC & -40oC < T
A
< +85oC ; Vcc = 5V +10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.5
5.0
5.5
V
Input High Voltage
VIH
2.4
---
VCC + 0.5
1
V
Input Low Voltage
VIL
-0.5
2
---
0.8
V
NOTES:
1. V
CC
+ 2.0V/20ns, Pulse width is measured at V
CC
2. -2.0V/20ns, Pulse width is measured at V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com