Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

620FS012 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 620FS012
Description  Strain Relief
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620FS012 Datasheet(HTML) 1 Page - Glenair, Inc.

  620FS012 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 62 - Page 8
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 20053 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
A Thread
(Table I)
C (Table I)
E
(Table III)
F (Table III)
Cable
Entry
H (Table III)
F
(Table III)
C (Table I)
A Thread
(Table I)
G
(Table III)
Cable
Entry
H
(Table III)
CONNECTOR
DESIGNATOR
F-L-S
ROTATABLE
COUPLING
1. Cable Entry is
defined as the
accommodation entry
for the wire bundle or
cable. Dimensions
are not intended for
inspection criteria.
2. Metric dimensions
(mm) are indicated in
parentheses.
See inside back
cover fold-out or
pages 13 and 14
for Tables I and II.
Product Series
Connector Designator
Angle and Profile
S = Straight
A = 90
620 F S 012 M 16
Shell Size (Table III)
Finish (Table II)
Basic Part No.
620-012
Strain Relief
Rotatable Coupling - Straight and 90°
F
Max
.752 (19.1)
.832 (21.1)
.988 (25.1)
1.046 (26.6)
1.319 (33.5)
1.451 (36.9)
1.557 (39.5)
1.653 (42.0)
1.775 (45.1)
E
Nom
.555 (14.1)
.665 (16.9)
.790 (20.1)
.790 (20.1)
.915 (23.2)
1.165 (29.6)
1.290 (32.8)
1.415 (35.9)
1.540 (39.1)
Shell
Size
08
10
12
14
16
18
20
22
24
Open
.234
(5.9)
.234
(5.9)
.328
(8.3)
.457 (11.6)
.614 (15.6)
.634 (16.1)
.698 (17.7)
.823 (20.9)
.853 (21.7)
Cable Entry
Closed
.098
(2.5)
.153
(3.9)
.190
(4.8)
.260
(6.6)
.283
(7.2)
.325
(8.3)
.343
(8.7)
.381
(9.7)
.418 (10.6)
H
Max
.808 (20.5)
.867 (22.0)
.929 (23.6)
.992 (25.2)
1.056 (26.8)
1.233 (31.3)
1.296 (32.9)
1.358 (34.5)
1.420 (36.1)
G
Max
.704 (17.9)
.786 (20.0)
.979 (24.9)
1.039 (26.4)
1.188 (30.2)
1.300 (33.0)
1.425 (36.2)
1.550 (39.4)
1.675 (42.5)
TABLE III: CABLE ENTRY


Similar Part No. - 620FS012

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620FS042 GLENAIR-620FS042 Datasheet
305Kb / 1P
Composite Strain-Relief Clamp
620FS048 GLENAIR-620FS048 Datasheet
52Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
Strain Relief
620FS054M GLENAIR-620FS054M Datasheet
31Kb / 1P
Strain Relief
More results

Similar Description - 620FS012

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
52Kb / 1P
Strain Relief
620GA051 GLENAIR-620GA051 Datasheet
30Kb / 1P
Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com