Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

620GA051 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 620GA051
Description  Strain Relief
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620GA051 Datasheet(HTML) 1 Page - Glenair, Inc.

  620GA051 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 62 - Page 7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
A Thread
(Table I)
CONNECTOR
DESIGNATOR
G
ROTATABLE
COUPLING
1. Cable Entry is defined as the accommodation entry for the wire bundle or
cable. Dimensions are not intended for inspection criteria.
2. Metric dimensions (mm) are indicated in parentheses.
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
C Typ
(Table I)
E
(Table III)
F
(Table III)
Cable Entry
Product Series
Connector Designator
Angle and Profile
A = 90
B = 45
620 G A 051 M 17
Shell Size (Table III)
Finish (Table II)
Basic Part No.
G
(Table III)
F
Max
.929 (23.6)
.929 (23.6)
1.056 (26.8)
1.233 (31.3)
1.296 (32.9)
1.358 (34.5)
1.420 (36.1)
1.634 (41.5)
1.859 (47.2)
E Closed
Max
1.071 (27.2)
1.071 (27.2)
1.280 (32.5)
1.392 (35.4)
1.517 (38.5)
1.642 (41.7)
1.767 (44.9)
1.905 (48.4)
1.968 (50.0)
Shell
Size
11
13
15
17
19
23
25
29
33
H Closed
Max
1.650 (41.9)
1.650 (41.9)
1.765 (44.8)
1.874 (47.6)
1.918 (48.7)
1.962 (49.8)
2.006 (51.0)
2.301 (58.4)
2.389 (60.7)
G
Max
.903 (22.9)
.977 (24.8)
1.151 (29.2)
1.281 (32.5)
1.406 (35.7)
1.576 (40.0)
1.666 (42.3)
2.046 (52.0)
2.209 (56.1)
TABLE III: CABLE ENTRY
J
Max
.929 (23.6)
.929 (23.6)
1.056 (26.8)
1.233 (31.3)
1.296 (32.9)
1.358 (34.5)
1.420 (36.1)
1.634 (41.5)
1.859 (47.2)
Closed
.177
(4.5)
.177
(4.5)
.250
(6.4)
.291
(7.4)
.348
(8.8)
.429 (10.9)
.523 (13.3)
.643 (16.3)
.704 (17.9)
Open
.286
(7.3)
.286
(7.3)
.416 (10.6)
.476 (12.1)
.626 (15.9)
.831 (21.1)
.956 (24.3)
1.081 (27.5)
1.187 (30.1)
Cable Entry
620-051
Strain Relief
Rotatable Coupling - 45° and 90°
H
(Table III)
J
(Table III)


Similar Part No. - 620GA051

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620GS051M17 GLENAIR-620GS051M17 Datasheet
81Kb / 1P
Strain Relief
More results

Similar Description - 620GA051

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
52Kb / 1P
Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
Strain Relief
620FB049 GLENAIR-620FB049 Datasheet
288Kb / 1P
Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com