Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

620FS042 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 620FS042
Description  Composite Strain-Relief Clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620FS042 Datasheet(HTML) 1 Page - Glenair, Inc.

  620FS042 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-97
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
620-042
Composite Strain-Relief Clamp
with Self-Locking Rotatable Coupling
Straight, 45° & 90°
Connector
Designator
A, F, L, H, G and U
620 H S 042 XO 19
Connector
Shell Size
(See Table II)
Product Series
620 - Strain Relief
Clamp
Basic Part
Number
Angle and Profile
A - 90° Clamp
B - 45° Clamp
S - Straight
Finish Symbol
(See Table III)
H
±.06 (1.5)
.88 (22.4)
.94 (23.9)
1.17 (29.7)
1.28 (32.5)
1.41 (35.8)
1.50 (38.1)
1.56 (39.6)
1.69 (42.9)
1.82 (46.2)
1.94 (49.3)
E
(Ref)
.63 (16.0)
.65 (16.5)
.71 (18.0)
.76 (19.3)
.80 (20.3)
.83 (21.1)
.90 (22.9)
.94 (23.9)
.97 (24.6)
1.02 (25.9)
F
±.06 (1.5)
.86 (21.8)
.91 (23.1)
1.02 (25.9)
1.13 (28.7)
1.26 (32.0)
1.31 (33.3)
1.37 (34.8)
1.45 (36.8)
1.52 (38.6)
1.68 (42.7)
G
±.0 1.5)
.88 (22.4)
.94 (23.9)
1.03 (26.2)
1.13 (28.7)
1.31 (33.3)
1.38 (35.1)
1.50 (38.1)
1.63 (41.4)
1.75 (44.5)
1.79 (45.5)
J
±.06 (1.5)
.80 (20.3)
.88 (22.4)
1.00 (25.4)
1.00 (25.4)
1.13 (28.7)
1.19 (30.2)
1.25 (31.8)
1.38 (35.1)
1.50 (38.1)
1.75 (44.5)
Cable Entry**
±.03 0.8
.22 (5.6)
.26 (6.6)
.34 (8.6)
.46 (11.7)
.55 (14.0)
.62 (15.7)
.70 (17.8)
.78 (19.8)
.85 (21.6)
.95 (24.1)
TABLE II: CONNECTOR SHELL SIZE ORDER NUMBER
K
Max
1.32 (33.5)
1.35 (34.3)
1.43 (36.3)
1.48 (37.6)
1.58 (40.1)
1.70 (43.2)
1.74 (44.2)
1.79 (45.5)
1.83 (46.5)
2.13 (54.1)
Shell Size For
Connector Designator*
A
08
10
12
14
16
18
20
22
24
28
F/L
08
10
12
14
16
18
20
22
24
–
H
09
11
13
15
17
19
21
23
25
–
G
–
–
11
13
15
17
19
–
23
25
U
–
08
10
12
14
16
18
20
22
24
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant Electroless Nickel
XO
No Plating
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel
Cable
Entry
H
E
F
G
J
Telescoping
Screws Typical
K
Anti-Decoupling
Device
Coupling Nut
Supplied Unplated.
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
G MIL-DTL-28840
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE


Similar Part No. - 620FS042

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620FS048 GLENAIR-620FS048 Datasheet
52Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
Strain Relief
More results

Similar Description - 620FS042

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319AS137XB08 GLENAIR-319AS137XB08 Datasheet
323Kb / 2P
Composite Shield Sock Strain Relief
447AS329XM08 GLENAIR-447AS329XM08 Datasheet
315Kb / 2P
Composite EMI/RFI Environmental Band-in-a-Can Backshell with Strain-Relief Clamp
447AS657XM08 GLENAIR-447AS657XM08 Datasheet
291Kb / 1P
Composite Low-Profile Micro Band-in-a-Can Backshell with Strain-Relief Clamp
627A122XO16 GLENAIR-627A122XO16 Datasheet
328Kb / 2P
Composite Swing-Arm Strain Relief
627A142XO GLENAIR-627A142XO Datasheet
239Kb / 2P
Composite Swing-Arm Strain Relief
logo
Pomona Electronics
5076 POMONA-5076 Datasheet
22Kb / 1P
Strain Relief Boot With Clamp Nut
logo
Glenair, Inc.
377HS040XB11 GLENAIR-377HS040XB11_09 Datasheet
315Kb / 2P
Composite Fiber-Optic Strain-Relief Backshell
logo
3M Electronics
3504-4 3M-3504-4 Datasheet
156Kb / 2P
Strain Relief/Grounding Clamp
logo
Glenair, Inc.
377-040 GLENAIR-377-040 Datasheet
403Kb / 2P
Composite Strain-Relief Backshell
620MA065-90 GLENAIR-620MA065-90 Datasheet
180Kb / 1P
Rotatable Coupling Strain Relief Clamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com