Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD2M32 Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS4SD2M32
Description  512K x 32 x 4 Banks (64-Mb) Synchronous SDRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD2M32 Datasheet(HTML) 2 Page - Austin Semiconductor

  AS4SD2M32 Datasheet HTML 1Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 2Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 3Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 4Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 5Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 6Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 7Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 8Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD2M32
AS4SD2M32
Rev. 1.0 1/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc.
GENERAL DESCRIPTION
The 64Mb SDRAM is a high-speed CMOS, dynamic ran-
dom-access memory containing 67,108,864 bits. It is internally
configured as a quad-bank DRAM with a synchronous inter-
face (all signals are registered on the positive edge of the clock
signal, CLK). Each of the 16,777,216-bit banks is organized as
2,048 rows by 256 columns by 32 bits.
Read and write accesses to the SDRAM are burst oriented;
accesses start at a selected location and continue for a pro-
grammed number of locations in a programmed sequence. Ac-
cesses begin with the registration of an ACTIVE command,
which is then followed by a READ or WRITE command. The
address bits registered coincident with the ACTIVE command
are used to select the bank and row to be accessed (BA0, BA1
select the bank; A0-A10 select the row). The address bits reg-
istered coincident with the READ or WRITE command are used
to select the starting column location for the burst access.
The SDRAM provides for programmable READ or WRITE
burst lengths of 1, 2, 4, or 8 locations, or the full page, with a
burst terminate option. An auto precharge function may be
enabled to provide a self-timed row precharge that is initiated at
the end of the burst sequence.
The 64Mb SDRAM uses an internal pipelined architecture
to achieve high-speed operation. This architecture is compat-
ible with the 2n rule of prefetch architectures, but it also allows
the column address to be changed on every clock cycle to
achieve a high-speed, fully random operation. Precharging one
bank while accessing one of the other three banks will hide the
precharge cycles and provide seamless, high-speed, random-
access operation.
The 64Mb SDRAM is designed to operate in 3.3V memory
systems. An auto refresh mode is provided, along with a power-
saving, power-down mode. All inputs and outputs are LVTTL-
compatible.
SDRAMs offer substantial advances in DRAM operating
performance, including the ability to synchronously burst data
at a high data rate with automatic column-address generation,
the ability to interleave between internal banks to hide precharge
time and the capability to randomly change column addresses
on each clock cycle during a burst access.
FUNCTIONAL BLOCK DIAGRAM
CLK
CKE
CS
RAS
CAS
WE
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA0
BA1
A10
COMMAND
DECODER
&
CLOCK
GENERATOR
MODE
REGISTER
REFRESH
CONTROLLER
REFRESH
COUNTER
SELF
REFRESH
CONTROLLER
ROW
ADDRESS
LATCH
COLUMN
ADDRESS LATCH
BURST COUNTER
COLUMN
ADDRESS BUFFER
COLUMN DECODER
DATA IN
BUFFER
DATA OUT
BUFFER
DQM0-3
DQ 0-31
VDD/VDDQ
GND/GNDQ
11
11
11
11
32
32
32
32
256
(x 32)
2048
2048
2048
2048
MEMORY CELL
ARRAY
BANK 0
SENSE AMP I/O GATE
BANK CONTROL LOGIC
ROW
ADDRESS
BUFFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com